AI

The **WJPAD2-75D-R** is a high-performance **Gas Discharge Tube (GDT)**, specifically a 2-electrode SMD (Surface Mount Device) component designed for overvoltage protection. These parts are primarily used to shunt high-energy transient surges to the ground, protecting sensitive electronic circuits.
---
### 1. Key Technical Specifications
Below are the typical electrical parameters for this specific part series:
| Parameter | Specification |
| :--- | :--- |
| **DC Spark-over Voltage** | 75V (±20% tolerance) |
| **Impulse Spark-over Voltage** | < 600V (at 1kV/μs) |
| **Discharge Current (8/20μs)** | 2kA - 5kA (Typical) |
| **Insulation Resistance** | > 1 GΩ |
| **Capacitance** | < 1.0 pF (Ultra-low) |
| **Operating Temperature** | -40°C to +90°C |
| **Package Type** | SMD (Surface Mount) |
---
### 2. Functional Characteristics
The WJPAD2-75D-R functions as a voltage-dependent switch:
* **Off State:** Under normal operating voltages, the device remains in a high-impedance state (essentially an open circuit).
* **On State:** When a surge exceeds the 75V threshold, the gas inside the tube ionizes. This creates a low-impedance path (an arc), effectively shorting the surge current to the ground.
* **Recovery:** Once the surge passes and the voltage drops below the "arc voltage," the gas de-ionizes, and the component returns to its high-impedance state.
---
### 3. Advantages and Use Cases
#### Advantages
* **Extremely Low Capacitance:** Because the capacitance is below 1pF, it does not distort high-speed signals, making it ideal for data lines.
* **High Surge Handling:** Despite its small SMD size, it can handle thousands of amperes for short durations.
* **High Insulation:** It ensures minimal leakage current during normal operation.
#### Typical Applications
* **Telecommunications:** Protection for ADSL/VDSL modems and broadband equipment.
* **Consumer Electronics:** Surge protection for set-top boxes and TVs.
* **Data Lines:** Protection for Ethernet ports and high-speed communication interfaces.
* **Power Supplies:** Secondary protection against atmospheric lightning surges.
---
### 4. Part Number Breakdown
While naming conventions vary slightly by manufacturer (often associated with brands like Wayon or similar high-voltage protection specialists), the code generally follows this logic:
```text
WJ - Manufacturer/Series Code
PAD - Product Category (Gas Discharge Tube / Protector)
2 - Number of Electrodes (2-Pole)
75 - Breakdown Voltage (75V)
D - Dimensions/Package Code
R - Tape and Reel Packaging
```
- ⤷
What is the difference between a GDT and a TVS diode for surge protection?
- ⤷ How do I determine if a 75V breakdown voltage is appropriate for my circuit?
- ⤷ Can this component be used in high-frequency RF applications?