WJPAD2-762-R
AI

The **WJPAD2-762-R** is a specific surface-mount electronic component typically categorized as a **Wire-to-Board Connector** or a **Jumper/Bridge** component. These parts are often used in LED lighting modules, power supplies, and automotive electronics to create secure electrical connections between PCBs or power inputs.
---
### 1. Key Technical Specifications
Below are the general characteristics typically associated with this series of connectors:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Type** | Board-to-Board / Wire-to-Board Connector |
| **Pitch** | 7.62 mm |
| **Current Rating** | High Current (Often 10A - 20A depending on trace) |
| **Mounting Type** | SMT (Surface Mount Technology) |
| **Orientation** | Right Angle / Horizontal |
| **Material** | High-temperature Thermoplastic / Copper Alloy |
---
### 2. Functional Breakdown
#### Mechanical Design
* **Low Profile:** Designed to minimize the height on the PCB, which is critical for slim electronic assemblies like LED backlights.
* **Tape & Reel Packaging:** The "-R" suffix usually denotes that the part is supplied in **Reel** format, making it compatible with high-speed automated pick-and-place assembly machines.
#### Electrical Performance
* **High Conductivity:** Uses specialized copper alloys with tin or gold plating to ensure low contact resistance.
* **Insulation Resistance:** Designed with high-performance plastics to prevent arcing or leakage between pins, especially important given the 7.62mm pitch which suggests higher voltage capabilities.
---
### 3. Common Applications
1. **LED Strip Interconnects:** Used to bridge power from one LED board to the next without bulky wiring.
2. **Power Distribution:** Serving as a "jumper" to carry high current across different sections of a motherboard.
3. **Industrial Controls:** Providing a modular connection point for sensors or external power sources.
---
### 4. Footprint Example (Generic)
When designing a PCB for this part, the CAD footprint usually requires large solder pads to handle the physical stress and heat dissipation.
```cpp
// Representative Pad Dimensions for 7.62mm Pitch Connectors
// Note: Always refer to the official manufacturer datasheet for exact tolerances.
Pad_Width = 3.5mm;
Pad_Height = 4.0mm;
Pitch_X = 7.62mm;
Solder_Mask_Expansion = 0.1mm;
```
- ⤷
What is the maximum voltage rating for the WJPAD2-762-R?
- ⤷ Which manufacturers produce equivalents to this specific part number?
- ⤷ Is there a through-hole version of this connector available?