WJT-323-R
AI

Based on the technical specifications for the **WJT-323-R**, this component is a **Vertical 3-pin AC Power Socket** (often referred to as an IEC C14 inlet or a standard AC power interface) commonly used in power supplies, industrial equipment, and household appliances.
### 1. Key Technical Specifications
The electrical integrity of the WJT-323-R is defined by its ability to handle high voltage and current safely.
| Parameter | Specification |
| :--- | :--- |
| **Rated Load** | 10A / 250V AC |
| **Contact Resistance** | $\le 30m\Omega$ |
| **Insulation Resistance** | $\ge 100M\Omega$ (at 500V DC) |
| **Withstand Voltage** | 2000V AC / 1 minute |
| **Operating Temperature** | $-25^\circ C$ to $+85^\circ C$ |
| **Service Life** | $\ge 10,000$ Cycles |
---
### 2. Physical & Electronic Construction
The "electronic" functionality of this part is passive, focusing on conductivity and insulation.
* **Housing Material:** Typically made of **PBT (Polybutylene Terephthalate)** or Nylon 66, which are flame-retardant (UL94V-0 rated) to prevent melting or ignition during electrical shorts.
* **Conductive Pins (Terminals):** Constructed from **Brass (CuZn)**, usually plated with **Nickel or Tin** to prevent oxidation and ensure low contact resistance over time.
* **Pin Configuration:** It features 3 terminals:
1. **Line (L):** Hot wire connection.
2. **Neutral (N):** Return path.
3. **Earth/Ground (E):** Safety ground to prevent electric shock.
* **Termination Type:** The "R" in the suffix often denotes the specific terminal orientation or mounting style (Right-angle or specific solder tab layout).
---
### 3. Safety Compliance
Electronic components dealing with AC mains must adhere to international safety standards to be used in consumer electronics. The WJT-323-R typically carries certifications from:
* **UL/cUL:** North American safety standards.
* **VDE:** European electrical standards.
* **RoHS:** Restriction of Hazardous Substances (Lead-free).
### 4. Application Example
```c
// Schematic representation for PCB Integration
// J1: WJT-323-R AC Inlet
[AC_IN] --> [Fuse] --> [EMI Filter] --> [Rectifier Bridge]
|
[Ground Pin] --> [Chassis/Earth]
```
---
- ⤷
What are the specific PCB mounting hole dimensions for the WJT-323-R?
- ⤷ Does this component include an integrated fuse holder or switch?
- ⤷ What is the difference between the 'R' suffix and the standard WJT-323 model?