Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • WL40EW2F-R

  • AI
    The **WL40EW2F-R** is a specific electronic component typically categorized as a **Water Leakage Sensor** or a **Conductivity Detection Module**. These devices are common in industrial automation, server room monitoring, and smart home leak detection systems. --- ### 1. Component Overview The device functions as a sensing unit that detects the presence of conductive liquids (like water) by completing a circuit between two or more electrodes. | Feature | Description | | :--- | :--- | | **Component Type** | Water Leakage Detection Sensor / Electrode Module | | **Detection Method** | Resistance/Conductivity sensing | | **Output Type** | Relay Contact or Transistor Output (Open Collector) | | **Standard Mounting** | Wall mount or DIN Rail (model dependent) | --- ### 2. Key Electronic Parts & Functions A module like the WL40EW2F-R typically contains the following internal electronic stages: #### A. Sensing Interface (Electrodes) * **Gold-plated or Stainless Steel probes:** These are exposed to the environment. When water touches two probes, the electrical resistance drops. * **AC Drive Circuit:** Most high-quality sensors use a small AC current for sensing rather than DC to prevent **electrolysis** and corrosion of the probes. #### B. Signal Processing (Comparator/IC) * **Operational Amplifier (Op-Amp):** Used as a comparator to check if the resistance between probes has fallen below a pre-set threshold. * **Sensitivity Adjustment:** Often includes a potentiometer to adjust for different liquid types (e.g., purified water vs. tap water). #### C. Control & Output Stage * **Relay (Mechanical):** Provides a dry contact (Common, NO, NC) to trigger alarms or shut off valves. * **Status LEDs:** * *Green:* Power On * *Red:* Alarm/Leak detected * **Protection Diodes:** Includes flyback diodes if a relay is used to prevent voltage spikes from damaging the internal transistors. --- ### 3. Technical Specifications (Typical) While specific to the manufacturer (often associated with brands like Omron or generic industrial suppliers), the electronic parameters usually fall into these ranges: | Parameter | Value Range | | :--- | :--- | | **Supply Voltage** | 12V DC / 24V DC or 110/220V AC | | **Power Consumption** | < 2W | | **Response Time** | < 500ms | | **Contact Rating** | 1A to 5A at 250VAC/30VDC | | **Operating Temp** | -10°C to +50°C | --- ### 4. Wiring Diagram Concept ```text [ Power Source ] ----+---- [ V+ / Line ] | [ Leak Sensor ] ----+---- [ V- / Neutral ] | [ Alarm/Valve ] <---[ Relay Contact Out ] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the WL40EW2F-R?
    • ⤷ Can this sensor be used for non-conductive liquids like oil?
    • ⤷ How do I adjust the sensitivity threshold for high-humidity environments?