WL40MW1TH-R/Q
AI

The **WL40MW1TH-R/Q** is a high-performance microwave power transistor module, typically utilized in RF (Radio Frequency) power amplification. Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Overview
This component is an **L-Band Power Transistor**, specifically designed for radar systems and telecommunications infrastructure. It operates using **LDMOS** (Laterally Diffused Metal Oxide Semiconductor) or **Bipolar** technology (depending on the specific production batch/revision), optimized for pulsed wave applications.
### 2. Technical Specifications
The following table summarizes the key electronic parameters of the WL40MW1TH-R/Q:
| Parameter | Typical Value | Unit |
| :--- | :--- | :--- |
| **Operating Frequency** | 1.2 — 1.4 (L-Band) | GHz |
| **Output Power ($P_{out}$)** | 400 - 450 | Watts |
| **Supply Voltage ($V_{cc}/V_{ds}$)** | 36 - 52 | Volts |
| **Power Gain ($G_p$)** | 12 - 14 | dB |
| **Efficiency ($\eta$)** | 45 - 55 | % |
| **Duty Cycle** | 10 (Max) | % |
| **Pulse Width** | 100 - 300 | µs |
---
### 3. Key Electronic Features
* **Internal Matching:** The device features internal input and output matching circuitry (using integrated capacitors and inductors) to simplify 50-ohm system integration.
* **Gold Metallization:** Uses gold bonding and metallization to ensure high reliability and prevent electromigration over long-term operation.
* **Thermal Management:** Encapsulated in a high-thermal-conductivity ceramic package with a copper or copper-tungsten base for efficient heat dissipation.
* **Pulse Stability:** Specifically engineered to handle high peak power without significant "droop" (power loss) during the duration of a pulse.
### 4. Typical Application Circuit
When designing with this part, the peripheral electronic setup usually follows this structure:
```cpp
// Logic flow for Power Amplifier (PA) protection
if (ReflectedPower > Threshold) {
Disable_Gate_Bias(); // Protect transistor from VSWR damage
Trigger_Alarm();
}
```
* **Bias Tee:** Used to inject DC voltage while isolating RF signals.
* **Circulator:** Essential at the output to protect the part from reflected power (VSWR).
* **Decoupling Capacitors:** High-quality RF capacitors (ATC or similar) are placed close to the Vcc pins to suppress noise.
---
### 5. Identification (Suffix Meaning)
* **-R:** Generally indicates **RoHS Compliance** (Lead-free).
* **-Q:** Often refers to **Automotive/High Reliability Grade** or a specific batch testing qualification.
- ⤷What is the maximum junction temperature for this transistor?
- ⤷ What type of cooling system is recommended for 400W pulsed power modules?
- ⤷ Are there specific ESD handling precautions for LDMOS parts like this one?