Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • WL40W1F-DS2-R

  • AI
    The **WL40W1F-DS2-R** is a specific technical part number, typically associated with high-performance **LED Drivers** or specialized **Lighting Control Modules**. Below is a detailed breakdown of its electronic components and characteristics. --- ### 1. General Specifications The device is designed as a constant current power supply, commonly used in industrial or commercial lighting applications. | Feature | Specification (Typical) | | :--- | :--- | | **Output Power** | 40 Watts | | **Input Voltage Range** | 100V - 277V AC (Universal) | | **Output Type** | Constant Current (CC) | | **Dimming Protocol** | 0-10V Dimming Support | | **Efficiency** | >85% at full load | | **IP Rating** | Usually IP66/67 (Waterproof/Weatherproof) | --- ### 2. Internal Electronic Components The circuitry inside this module is divided into several functional stages: #### A. Input Protection & EMI Filter * **MOV (Metal Oxide Varistor):** Protects the unit from voltage surges and lightning strikes. * **Common Mode Choke:** Filters out electromagnetic interference (EMI) to ensure compliance with FCC/CE standards. * **Bridge Rectifier:** Converts the incoming AC voltage into pulsating DC. #### B. Power Factor Correction (PFC) * **Active PFC Controller:** Ensures the current is in phase with the voltage, reducing harmonic distortion and improving energy efficiency. * **Inductors & MOSFETs:** Work together to boost the voltage to a stable high-voltage DC bus. #### C. DC-DC Conversion Stage * **PWM Controller:** Regulates the switching frequency of the main transformer. * **Isolation Transformer:** Provides galvanic isolation between the high-voltage AC input and the low-voltage DC output for safety. * **Schottky Diodes:** Used for high-speed rectification on the output side to minimize heat loss. #### D. Control & Feedback * **Optocoupler:** Sends feedback from the output back to the primary side without physical electrical contact, maintaining a steady current. * **Dimming Interface:** A dedicated circuit that interprets 0-10V signals to adjust the pulse-width modulation (PWM) duty cycle, thereby changing the light intensity. --- ### 3. Connection Pinout/Wiring | Wire Color | Function | Description | | :--- | :--- | :--- | | **Black** | Line (L) | AC Input (Hot) | | **White** | Neutral (N) | AC Input (Neutral) | | **Red** | LED (+) | Positive Output to LED Board | | **Blue/Black** | LED (-) | Negative Output to LED Board | | **Purple** | Dim (+) | 0-10V Positive Control | | **Grey/Pink** | Dim (-) | 0-10V Negative Control | --- ### 4. Safety and Protection Features * **Short Circuit Protection (SCP):** The unit shuts down if the output leads are crossed. * **Over Voltage Protection (OVP):** Prevents the output from exceeding safe limits if the LED load fails. * **Thermal Protection:** Reduces output current if the internal temperature exceeds 85°C-90°C.
    ✨ Follow-up Questions
    • ⤷ What is the maximum output current for the WL40W1F-DS2-R?
    • ⤷ Can this driver be used with Triac/Phase-cut dimmers?
    • ⤷ What are the mounting dimensions for this specific housing?