WL4532V-R10
AI

### WL4532V-R10: Technical Overview
The **WL4532V-R10** is a specific surface-mount (SMD) power inductor, typically used in power management and filtering circuits. The nomenclature indicates its size (4532 metric) and its performance characteristics.
---
### 1. Key Specifications
The following table highlights the typical electrical and physical parameters for this component:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.10 µH (indicated by "R10") |
| **Tolerance** | ±10% or ±20% (Standard for this series) |
| **Case Size (Imperial)** | 1812 |
| **Case Size (Metric)** | 4532 (4.5mm x 3.2mm) |
| **Mounting Type** | Surface Mount Device (SMD/SMT) |
| **Core Material** | Ferrite or Ceramic (model dependent) |
---
### 2. Nomenclature Breakdown
Understanding the part number helps in identifying the component's physical and electrical scale:
* **WL**: Manufacturer series code (often associated with brands like Bourns or Fastron).
* **4532**: Physical dimensions. It measures **4.5mm in length** and **3.2mm in width**.
* **V**: Usually denotes the "Vertical" or a specific high-frequency/high-voltage series variation.
* **R10**: Represents the inductance value. The "R" acts as a decimal point. Therefore, $R10 = 0.10$ microhenries ($\mu H$).
---
### 3. Electronic Functionality
As a power inductor, the WL4532V-R10 performs several critical roles within a circuit:
1. **Energy Storage:** It stores energy in a magnetic field when current flows through it, which is essential for DC-DC converters.
2. **Noise Suppression:** It acts as a low-pass filter, blocking high-frequency AC noise while allowing DC to pass.
3. **Current Smoothing:** In power supplies, it limits the rate of change of current, preventing spikes that could damage sensitive ICs.
---
### 4. Common Applications
* **Voltage Regulators:** Used in buck/boost converters for consumer electronics.
* **RF Circuits:** Due to the low inductance (0.10 µH), it is often used for high-frequency matching or decoupling.
* **Communication Equipment:** Found in modems, routers, and mobile infrastructure for signal integrity.
---
- ⤷
What is the maximum current rating (Irms) for the WL4532V-R10?
- ⤷ How does this inductor perform at high frequencies compared to a 10uH inductor?
- ⤷ What are the recommended soldering profiles for 4532 SMD components?