WMS2-01-R/K
AI

The **WMS2-01-R/K** is a specialized high-precision electronic component, typically categorized as a **Weight Transmitter** or **Digital Load Cell Interface Module**. It is designed for industrial automation and weighing systems where high-speed data acquisition and accuracy are critical.
---
### 1. Core Technical Specifications
The device acts as a bridge between analog load cells (strain gauges) and digital control systems (PLCs or PCs).
| Feature | Specification |
| :--- | :--- |
| **Input Type** | Strain Gauge (Analog Load Cell) |
| **A/D Resolution** | 24-bit (High precision) |
| **Interface** | RS-485 / RS-232 (Modbus RTU support) |
| **Sampling Rate** | Up to 480 - 960 Hz (depending on configuration) |
| **Power Supply** | 12-24V DC |
| **Mounting** | DIN Rail or Panel Mount |
---
### 2. Key Electronic Components & Subsystems
#### A. Analog-to-Digital Converter (ADC)
At the heart of the WMS2 is a **24-bit Sigma-Delta ADC**. This component converts the minute millivolt (mV) signals from the load cells into high-resolution digital data. It includes internal gain amplifiers to handle low-level signals without adding significant noise.
#### B. Digital Signal Processor (DSP) / MCU
The unit contains a microcontroller that performs:
* **Digital Filtering:** Removing vibrations and environmental noise from the weight signal.
* **Calibration Logic:** Storing zero-point and span-calibration values in non-volatile memory.
* **Protocol Management:** Handling the Modbus or proprietary communication timing.
#### C. Isolation & Protection
Industrial environments are electrically noisy. The WMS2-01-R/K typically includes:
* **Opto-couplers:** To isolate communication lines from power surges.
* **TVS Diodes:** For Transient Voltage Suppression on the RS-485 lines.
* **Reverse Polarity Protection:** To prevent damage if the power supply is wired incorrectly.
---
### 3. Connection Pinout (General Layout)
While you should always consult the specific datasheet for your serial number, the standard wiring for this series follows this logic:
| Terminal | Function | Description |
| :--- | :--- | :--- |
| **V+ / V-** | Power Input | 24V DC typical input |
| **Exc+ / Exc-** | Excitation | Provides voltage to the Load Cell |
| **Sig+ / Sig-** | Signal Input | Receives mV signal from Load Cell |
| **A / B** | RS-485 | Communication differential pair |
| **GND** | Shield/Ground | Reduces EMI interference |
---
### 4. Use Case Example (Integration)
```python
# Pseudo-code for reading weight data via Modbus RTU
import minimalmodbus
# Initialize instrument (Address 1, Serial Port)
instrument = minimalmodbus.Instrument('/dev/ttyUSB0', 1)
# Read the weight value from the designated register
weight = instrument.read_register(0, numberOfDecimals=2)
print(f"Current Weight: {weight} kg")
```
- ⤷
How do I calibrate the WMS2-01-R/K using Modbus commands?
- ⤷ What is the maximum number of load cells that can be connected to this module?
- ⤷ How does the 'R/K' suffix change the hardware interface or protocol support?