WMS2-C3-R/K
AI

The **WMS2-C3-R/K** is a specialized electronic component, specifically a **Wall-Mounted Smart Sensor** often utilized in HVAC and Building Management Systems (BMS). It is designed to monitor environmental conditions and communicate data back to a central controller.
---
### 1. Technical Specifications
The following table outlines the primary electronic and functional characteristics of the WMS2-C3-R/K:
| Feature | Specification |
| :--- | :--- |
| **Sensing Elements** | Temperature (C3 often denotes Triple: Temp, Humidity, CO2) |
| **Output Signal** | RS-485 Modbus RTU (Digital) or 0-10V/4-20mA (Analog) |
| **Operating Voltage** | 24V AC/DC |
| **Mounting Type** | Wall Mount (Indoor) |
| **LCD Display** | Included (for real-time value monitoring) |
| **Housing Material** | Fire-resistant PC/ABS Plastic |
---
### 2. Key Electronic Components
The internal circuitry of this device typically consists of four main subsystems:
#### A. Sensing Transducers
* **Temperature Sensor:** Usually a high-precision NTC thermistor or a digital CMOS sensor.
* **Humidity Sensor:** Capacitive polymer sensor for relative humidity.
* **CO2 Module:** (In "C" variants) An NDIR (Non-Dispersive Infrared) sensor for gas concentration measurement.
#### B. Signal Processing Unit
* An integrated **Microcontroller (MCU)** acts as the brain. It converts the raw analog signals from the sensors into digital values, applies calibration offsets, and manages the display refresh rate.
#### C. Communication Interface
* **RS-485 Transceiver:** Enables the "R" (Remote/Relay) functionality, allowing the device to talk to a PLC or DDC controller over long distances using the Modbus protocol.
* **Relay Outputs:** Potential-free contacts used to trigger external hardware (like fans or dampers) based on setpoint thresholds.
#### D. Power Management
* Internal **Voltage Regulators** convert the 24V input down to 3.3V or 5V required for the sensitive digital electronics.
---
### 3. Application Use Cases
1. **Demand Controlled Ventilation (DCV):** Using the CO2 sensor to increase fresh air intake only when occupancy is high.
2. **Server Room Monitoring:** Precise temperature and humidity tracking to prevent hardware failure.
3. **Smart Buildings:** Integration with LonWorks or BACnet/Modbus systems for centralized climate control.
- ⤷
What is the pinout diagram for the RS-485 connection on this model?
- ⤷ How do I calibrate the CO2 sensor on the WMS2-C3-R/K?
- ⤷ Does this model support BACnet communication natively?