Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • WPANTDP009-R3A

  • AI
    The **WPANTDP009-R3A** is a high-performance, internal **Triple-Band Wi-Fi/Bluetooth antenna** manufactured by World Products Inc. (WPI). It is specifically designed for embedded applications where space is limited but high efficiency across multiple wireless protocols is required. --- ### 1. Technical Specifications The following table highlights the core electronic and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Frequency Range** | 2.4 – 2.5 GHz / 4.9 – 5.9 GHz / 6.0 – 7.125 GHz | | **Supported Protocols** | Wi-Fi 6E, Wi-Fi 6, Wi-Fi 5, Bluetooth, ZigBee | | **Peak Gain** | 2.0 dBi (2.4GHz) / 3.0 dBi (5GHz) / 3.5 dBi (6GHz) | | **Efficiency** | ~60% to 70% (depending on band) | | **Impedance** | 50 $\Omega$ | | **VSWR** | < 2.0:1 | | **Connector Type** | I-PEX MHF (U.FL compatible) | | **Cable Type** | 1.13 mm Micro-Coaxial | --- ### 2. Key Electronic Components & Design The antenna utilizes a **Flexible Printed Circuit (FPC)** architecture, which provides several electronic advantages: * **Triple-Band Support:** Unlike standard dual-band antennas, this model includes the **6GHz band**, making it compatible with the **Wi-Fi 6E** standard. This allows for higher data throughput and lower interference. * **Omni-directional Radiation Pattern:** The electronic layout is tuned to provide a 360-degree signal spread, ensuring consistent connectivity regardless of the device's orientation. * **Integrated Micro-coaxial Cable:** The antenna comes with a pre-attached 1.13mm cable. This is critical for maintaining the 50-ohm impedance match from the radio module to the antenna element, minimizing signal loss (return loss). --- ### 3. Application Use Cases Because of its small form factor and wide frequency range, it is commonly used in: 1. **IoT Gateways:** Managing multiple sensors across different bands. 2. **Medical Devices:** Reliable wireless data transmission in dense environments. 3. **Smart Home Hubs:** Connecting Bluetooth LE devices and high-speed Wi-Fi 6E backhauls. 4. **Industrial Handhelds:** Ruggedized tablets requiring internal, vibration-resistant antennas. --- ### 4. Installation Considerations To ensure the electronic performance matches the datasheet, follow these integration rules: * **Ground Plane Clearance:** FPC antennas are sensitive to nearby metal. Keep a minimum clearance from metallic shields or batteries to avoid detuning the frequency. * **Adhesive Mounting:** The "R3A" variant typically features a 3M adhesive backing. It should be mounted on non-conductive surfaces (plastic/polycarbonate) for optimal RF propagation.
    ✨ Follow-up Questions
    • ⤷ What is the difference in performance when mounting this antenna on plastic vs. metal?
    • ⤷ How does Wi-Fi 6E support in this antenna improve device latency?
    • ⤷ Can the cable length be customized for specific PCB layouts?