Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • WPANTDP078-R1A

  • AI
    The **WPANTDP078-R1A** is a specialized electronic component primarily categorized as a **Surface Mount (SMT) Internal Antenna**. It is designed for compact wireless applications, specifically targeting the 2.4 GHz ISM band. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Overview This part is a high-performance ceramic chip antenna. Unlike external "rubber duck" antennas, this component is soldered directly onto a Printed Circuit Board (PCB), making it ideal for miniaturized IoT devices. ### 2. Technical Specifications | Parameter | Specification | |:---|:---| | **Frequency Range** | 2400 MHz – 2500 MHz | | **Peak Gain** | ~1.5 dBi to 2.0 dBi (typical) | | **Impedance** | 50 $\Omega$ (Nominal) | | **VSWR** | < 2.0:1 | | **Polarization** | Linear | | **Mounting Type** | Surface Mount Technology (SMT) | | **Material** | Low Temperature Co-fired Ceramic (LTCC) | ### 3. Key Electronic Features * **Omnidirectional Pattern:** The antenna is designed to provide coverage in all directions, which is critical for mobile devices that may be oriented in various ways. * **Small Form Factor:** The "078" series typically refers to a very small footprint, allowing for high-density PCB layouts. * **Impedance Matching:** While the antenna is rated at 50 ohms, it usually requires a **Pi-matching network** (inductors and capacitors) on the PCB to fine-tune the performance based on the specific enclosure and ground plane size. ### 4. Common Applications This part is typically found in low-power wireless communication modules, including: * **Bluetooth / BLE:** Wearables, wireless headphones, and smart home sensors. * **Wi-Fi:** Compact IoT nodes and microcontrollers (like ESP32 or NRF series). * **Zigbee/Thread:** Industrial automation and mesh networking sensors. --- ### 5. Integration Requirements To ensure the WPANTDP078-R1A functions correctly, engineers must follow specific layout guidelines: 1. **Clearance Zone:** Ceramic chip antennas require a "keep-out" area where no copper (ground planes or traces) is present on any layer of the PCB directly beneath or around the antenna. 2. **Ground Plane:** The antenna relies on the PCB's ground plane to act as a counterpoise. The size of the ground plane significantly affects the antenna's efficiency and resonant frequency. 3. **Feed Line:** The 50-ohm microstrip line leading to the antenna must be calculated based on the PCB material (e.g., FR4) and thickness.
    ✨ Follow-up Questions
    • ⤷ What are the specific physical dimensions of the WPANTDP078-R1A footprint?
    • ⤷ How do I calculate the Pi-matching network for this ceramic antenna?
    • ⤷ Can this antenna be used for 5GHz Wi-Fi applications as well?