WPANTDP088-R1A
AI

## WPANTDP088-R1A: Electronic and Technical Specifications
The **WPANTDP088-R1A** is a specialized, high-performance **dual-band embedded antenna** manufactured by World Products Inc. It is primarily designed for wireless communication applications where space is limited but high efficiency is required.
---
### 1. General Overview
This component is a **PCB (Printed Circuit Board) antenna**. Unlike external whip antennas, this is designed to be integrated directly inside a device’s housing, usually connected via a micro-coaxial cable.
### 2. Technical Specifications
The electrical characteristics define how the antenna interacts with radio frequencies.
| Parameter | Specification |
| :--- | :--- |
| **Frequency Range** | 2.4 - 2.5 GHz / 4.9 - 5.875 GHz |
| **Bands Supported** | Wi-Fi 2.4GHz, Wi-Fi 5GHz, ISM, UNII |
| **Peak Gain (2.4 GHz)** | ~2.0 dBi |
| **Peak Gain (5.0 GHz)** | ~3.0 dBi |
| **Impedance** | 50 Ohms |
| **VSWR** | < 2.0:1 |
| **Polarization** | Linear (Omni-directional) |
---
### 3. Key Electronic Components & Materials
The "Electronic parts" of this assembly consist of three main segments:
#### A. The Radiating Element (PCB)
* **Material:** Typically constructed on a FR4 or high-frequency laminate substrate.
* **Design:** It uses a specialized copper trace pattern (often a meandered inverted-F or dipole variation) to resonate at two distinct frequency bands.
* **Coating:** A solder mask (usually green or black) protects the copper traces from oxidation.
#### B. The Feedline (Coaxial Cable)
* **Type:** 1.13mm or 1.32mm micro-coaxial cable.
* **Function:** Delivers the RF signal from the Wi-Fi module to the antenna element with minimal signal loss.
* **Shielding:** Braided copper shielding prevents EMI (Electromagnetic Interference).
#### C. The Connector
* **Standard:** **IPEX / MHF / U.FL** (compatible).
* **Function:** Provides a snap-on connection to the wireless card (e.g., Mini PCIe or M.2 Wi-Fi cards).
---
### 4. Implementation Details
* **Mounting:** It features an adhesive backing (3M tape) for easy installation on the inner plastic casing of a device.
* **Ground Plane Dependency:** As an embedded PCB antenna, its performance can be affected by nearby metal objects. It is designed to be "ground plane independent," meaning it does not strictly require a large metal sheet to function correctly, though clearance is still recommended.
---
### 5. Common Applications
* **IoT Gateways:** Smart home hubs.
* **Industrial Routers:** Wireless data transmission in factories.
* **Set-top Boxes:** For streaming video over dual-band Wi-Fi.
* **Embedded Systems:** Custom Raspberry Pi or Arduino projects requiring long-range Wi-Fi.
- ⤷
What is the difference between this PCB antenna and a ceramic chip antenna?
- ⤷ How does the placement inside a metal enclosure affect the WPANTDP088-R1A's signal?
- ⤷ Can this antenna be used for Bluetooth applications as well?