WPT-14W2-R
AI

The **WPT-14W2-R** is an electronic component primarily classified as a **Piezoelectric Transducer (Buzzer)**. It is designed to convert electrical signals into audible sound waves through the piezoelectric effect.
---
### ## Technical Specifications
Below are the typical electronic characteristics for the WPT-14W2-R series:
| Parameter | Specification |
| :--- | :--- |
| **Type** | Piezo Transducer (External Drive) |
| **Operating Voltage** | 1.0 - 30.0 Vp-p |
| **Rated Voltage** | 3.0 - 5.0 Vp-p |
| **Resonant Frequency** | 4,000 Hz ± 500 Hz |
| **Sound Pressure Level (SPL)** | Min. 80 dB at 10cm |
| **Capacitance** | 12,000 pF ± 30% |
| **Operating Temperature** | -20°C to +70°C |
| **Mounting Type** | Through-hole (Pin type) |
---
### ## Internal Structure and Operation
The device consists of several key layers that facilitate sound production:
1. **Piezoelectric Ceramic Disk:** The core element that expands and contracts when an alternating voltage is applied.
2. **Metal Diaphragm:** Usually made of brass or stainless steel, this vibrates along with the ceramic disk to move the air.
3. **Housing (Case):** A plastic resonance chamber (usually PBT or ABS) that amplifies the sound frequency to achieve the desired decibel level.
4. **Terminals:** Two pins for PCB mounting.
---
### ## Circuit Integration
Since the WPT-14W2-R is a **transducer** (and not an indicator/active buzzer), it does not have an internal oscillation circuit. You must provide a square wave signal from a microcontroller (like an Arduino or STM32) to drive it.
**Basic Implementation Example:**
```cpp
// Example Arduino code to drive the WPT-14W2-R at its resonant frequency
int buzzerPin = 9;
void setup() {
pinMode(buzzerPin, OUTPUT);
}
void loop() {
tone(buzzerPin, 4000); // 4kHz Square Wave
delay(500);
noTone(buzzerPin);
delay(500);
}
```
---
### ## Key Features
* **Low Current Consumption:** Piezo technology consumes significantly less power compared to electromagnetic buzzers.
* **High Impedance:** Can often be driven directly by an MCU pin through a small current-limiting resistor.
* **Slim Profile:** The "14" in the part number usually refers to a 14mm diameter, making it suitable for compact handheld devices.
- ⤷
What is the difference between an active buzzer and a piezo transducer like the WPT-14W2-R?
- ⤷ Can this component be driven directly by a 5V DC source without a frequency signal?
- ⤷ What are the recommended footprint dimensions for PCB layout?