WPT-15W2-R
AI

The **WPT-15W2-R** is a high-performance wireless power transfer (WPT) receiver module designed for Qi-compliant wireless charging. It is typically used in portable electronics, medical devices, and industrial sensors requiring up to 15W of power.
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Output Power** | 15W (Max) |
| **Compliance** | Qi WPC v1.2.4 (Extended Power Profile - EPP) |
| **Output Voltage** | Typically 5V, 9V, or 12V DC (Configurable) |
| **Efficiency** | ~80% - 85% (depending on coil alignment) |
| **Operating Frequency** | 110 kHz - 205 kHz |
---
### 2. Core Electronic Components
The module consists of several critical stages to convert electromagnetic waves into stable DC power:
#### A. The Receiver (Rx) Coil
* **Material:** Usually an ultra-thin Litz wire coil with a ferrite backing.
* **Function:** Captures the magnetic flux generated by the transmitter (Tx) and converts it into AC current via induction.
#### B. Integrated Circuit (IC) Controller
The "brain" of the module is usually a dedicated Wireless Power Receiver IC (such as those from **Renesas/IDT** or **Texas Instruments**). It handles:
* **Rectification:** Converts the high-frequency AC from the coil into DC.
* **Communication:** Uses back-scatter modulation to send "packets" to the transmitter to negotiate power levels and safety status.
* **Voltage Regulation:** Ensures the output remains steady at the desired voltage (e.g., 9V).
#### C. Resonance Capacitors
* **Function:** High-precision C0G/NP0 ceramic capacitors are used to tune the receiver circuit to the specific resonant frequency of the transmitter. This maximizes energy transfer efficiency.
#### D. Protection Circuitry
* **FOD (Foreign Object Detection):** Detects metal objects (like coins or keys) between the coil and transmitter to prevent overheating.
* **OTP/OVP:** Over-Temperature and Over-Voltage protection circuits to prevent damage to the load device.
---
### 3. Application Schematic Logic
The general flow of electricity within the WPT-15W2-R follows this path:
```mermaid
graph LR
A[Rx Coil] --> B[Resonant Capacitors]
B --> C[Bridge Rectifier]
C --> D[DC-DC Buck/Boost Converter]
D --> E[USB/Battery Load]
```
### 4. Implementation Considerations
* **Thermal Management:** At 15W, the module generates heat. It is often paired with a thermal pad or heat sink.
* **Alignment:** Peak efficiency is only achieved when the Rx coil is centered over the Tx coil.
* **Shielding:** Ferrite sheets are included on the back of the coil to prevent the magnetic field from interfering with the internal electronics of the device being charged.
- ⤷
What are the mechanical dimensions and mounting requirements for the WPT-15W2-R?
- ⤷ Which specific Transmitter (Tx) modules are compatible with this 15W receiver?
- ⤷ How does the Foreign Object Detection (FOD) calibration work on this module?