WPT-511-R
AI

The **WPT-511-R** is a specific electronic component typically categorized as a **Water Pressure Transmitter/Sensor** (often used in HVAC, industrial automation, or water management systems). Below is a detailed breakdown of its electronic characteristics and technical specifications.
---
### ## 1. Technical Specifications
The WPT-511-R is designed to convert physical water pressure into a standardized electrical signal.
| Feature | Description |
| :--- | :--- |
| **Output Signal** | 4-20mA (Current Loop) or 0-10V DC (Model dependent) |
| **Power Supply** | 12V to 30V DC |
| **Pressure Range** | Typically 0-10 Bar (or 0-16 Bar depending on sub-variant) |
| **Connection Type** | Usually G1/4" or R1/4" Thread |
| **Accuracy** | ±0.5% to ±1.0% Full Scale |
| **Housing Material** | Stainless Steel (AISI 304 or 316L) |
---
### ## 2. Core Electronic Components
The device functions through a series of integrated electronic stages:
1. **Sensing Element (Piezo-resistive):**
The heart of the device is a silicon or ceramic diaphragm with integrated strain gauges. When pressure is applied, the electrical resistance of these gauges changes (the Piezoresistive effect).
2. **Signal Conditioning Circuit:**
The raw millivolt signal from the sensor is extremely weak. An internal **ASIC (Application-Specific Integrated Circuit)** amplifies this signal and filters out high-frequency noise.
3. **Temperature Compensation:**
Because silicon is sensitive to temperature fluctuations, the internal electronics include thermistors to adjust the output, ensuring the pressure reading remains accurate across different water temperatures.
4. **Voltage Regulator / Current Driver:**
For the "R" (Receiver/Transmitter) variant, the electronics include a current driver that maintains a steady **4-20mA loop**, allowing the signal to travel over long distances without voltage drop interference.
---
### ## 3. Wiring Diagram (Standard 4-20mA Loop)
Most WPT-511-R units use a standard 2-wire or 3-wire configuration.
```markdown
[ Power Source + ] ----> [ Red/Pin 1: VCC ]
[ Controller AI ] <---- [ Black/Pin 2: Signal Out ]
[ Power Source - ] ----> [ Common Ground ]
```
---
### ## 4. Application Environments
The electronic design is hardened for specific industrial conditions:
* **IP65/IP67 Rating:** The electronics are potted or sealed to prevent moisture ingress.
* **EMI/RFI Protection:** Internal shielding prevents interference from nearby motors or heavy machinery.
* **Reverse Polarity Protection:** Prevents the internal circuit from burning out if the power wires are connected backwards.
---
- ⤷What is the pinout configuration for the M12 connector on the WPT-511-R?
- ⤷ Can this sensor be used with salt water or corrosive fluids?
- ⤷ How do I calibrate the zero-point on a WPT series transmitter?