WPT-55W2-R
AI

The **WPT-55W2-R** is a high-performance wireless power transfer (WPT) receiver/transmitter module often utilized in industrial and consumer electronics for cable-free charging. Below is a detailed breakdown of its electronic components and specifications.
---
### ## Core Technical Specifications
The module is designed to handle high-power delivery while maintaining efficiency.
| Parameter | Specification |
| :--- | :--- |
| **Output Power** | 55 Watts (Maximum) |
| **Standard Compliance** | Proprietary / High-Power WPT Standard |
| **Efficiency** | > 85% at optimal alignment |
| **Interface** | UART / I2C for communication & status monitoring |
| **Cooling** | Integrated thermal pad / Heatsink compatible |
---
### ## Electronic Component Breakdown
The WPT-55W2-R consists of several critical stages to convert magnetic fields into usable DC electrical energy.
#### 1. Resonant Coil Assembly
* **The Coil:** Usually a multi-strand Litz wire coil to minimize the skin effect at high frequencies.
* **Ferrite Shielding:** A high-permeability magnetic sheet placed behind the coil to direct magnetic flux and prevent EMI (Electromagnetic Interference) from affecting the surrounding circuitry.
#### 2. Power Conversion Stage (Rectification)
* **Active Rectifier Bridge:** Unlike standard diodes, this module typically uses high-efficiency MOSFETs in a bridge configuration to convert the AC signal from the coil into DC with minimal heat loss.
* **Resonant Capacitors:** High-voltage, low-ESR (Equivalent Series Resistance) capacitors tuned to the specific frequency of the transmitter to achieve resonance.
#### 3. Control & Communication Logic
* **MCU (Microcontroller):** Manages the handshake between the transmitter and receiver. It monitors voltage levels and thermal sensors.
* **FOD (Foreign Object Detection):** Specialized circuitry that detects metal objects between the coils to prevent fires or damage.
#### 4. Output Regulation
* **Buck/Boost Converter:** Stabilizes the rectified DC voltage to a constant output (often 12V, 19V, or 24V depending on the specific revision) for the end device.
---
### ## Key Features for Integration
* **Thermal Protection:** Built-in NTC (Negative Temperature Coefficient) thermistors to shut down the module if temperatures exceed safe limits.
* **Alignment Feedback:** Electronic signaling that informs the user if the transmitter and receiver are correctly aligned for maximum power transfer.
* **Low Standby Power:** Advanced power management chips that reduce "vampire" power draw when no device is being charged.
- ⤷
What is the input voltage range required for the transmitter side of this module?
- ⤷ Does the WPT-55W2-R support any specific industrial safety certifications?
- ⤷ How does the Foreign Object Detection (FOD) mechanism function in this specific model?