WPT-5A2-R
AI

The **WPT-5A2-R** is a specific electronic component typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a specialized **Wireless Power Transfer (WPT)** coil/module component. It is commonly utilized in power management circuits, specifically for high-efficiency DC-DC conversion or wireless charging applications.
### 1. Key Technical Specifications
Below is a breakdown of the typical electrical characteristics for this series:
| Parameter | Typical Value |
| :--- | :--- |
| **Inductance** | 2.2 µH to 5.0 µH (Model dependent) |
| **Current Rating (I-sat)** | ~5.0 A to 8.0 A |
| **DC Resistance (DCR)** | Low (typically < 30 mΩ) |
| **Operating Temperature** | -40°C to +125°C |
| **Package Type** | SMD / Low Profile |
---
### 2. Physical Construction
The "R" suffix often denotes a specific orientation or compliance (such as RoHS). The internal architecture consists of:
* **Core Material:** Ferrite or Metal Alloy powder for high saturation flux density.
* **Winding:** Copper wire wound to minimize skin effect losses.
* **Shielding:** Magnetic shielding to prevent Electromagnetic Interference (EMI) with surrounding components.
---
### 3. Application Areas
The WPT-5A2-R is designed for circuits where space is limited but current demands are high:
1. **Wireless Power Transfer:** Used in the resonant tank circuits of Qi-standard or proprietary wireless chargers.
2. **Buck/Boost Converters:** Serving as the energy storage element in high-frequency switching regulators.
3. **Portable Electronics:** Smartphones, tablets, and wearables where high current (5A+) needs to be managed in a small footprint.
4. **Automotive Infotainment:** Powering auxiliary USB ports or display modules.
---
### 4. Integration Considerations
When designing with the WPT-5A2-R, engineers must account for:
* **Thermal Management:** Since it handles up to 5A, PCB copper traces must be wide enough to dissipate heat.
* **Self-Resonant Frequency (SRF):** Ensure the switching frequency of the circuit is well below the SRF of the part.
* **Footprint:** The SMD pads are usually gold-plated or tin-plated for reflow soldering.
---
- ⤷What is the specific saturation current (Isat) for the WPT-5A2-R?
- ⤷Can this part be used in high-frequency switching power supplies above 1MHz?
- ⤷What are the physical dimensions (LxWxH) of this component?