WPT-65W2-R
AI

The **WPT-65W2-R** is a high-performance, 65W Gallium Nitride (GaN) power adapter module designed for high efficiency and compact form factors. It is commonly used in universal laptop chargers and fast-charging mobile devices.
---
### Core Specifications
| Feature | Specification |
| :--- | :--- |
| **Input Voltage** | 100V – 240V AC (50/60Hz) |
| **Output Power** | 65W Maximum |
| **Main Technology** | GaN (Gallium Nitride) |
| **Output Port** | Typically USB-C (Power Delivery 3.0) |
| **Efficiency** | >92% at full load |
---
### Key Electronic Components
The architecture of the WPT-65W2-R is centered around high-frequency power conversion. Below are the primary internal sections:
#### 1. GaN Power IC
Unlike traditional silicon MOSFETs, this module uses **GaN FETs**.
* **Purpose:** Switches at much higher frequencies with lower heat generation.
* **Benefit:** Allows the transformer to be significantly smaller while maintaining 65W output.
#### 2. PWM Controller (Primary Side)
* **Function:** Manages the switching frequency and duty cycle of the GaN FET.
* **Protection:** Includes integrated Over-Voltage Protection (OVP) and Over-Temperature Protection (OTP).
#### 3. Synchronous Rectification (SR) Circuit
* **Component:** Low $R_{DS(on)}$ MOSFETs on the secondary side.
* **Function:** Replaces standard diodes to minimize power loss during the conversion from AC to DC, further boosting efficiency.
#### 4. PD Protocol Controller
* **Component:** Specialized IC (often from Cypress or Weltrend).
* **Function:** Communicates with the connected device (phone/laptop) via the CC lines to negotiate the correct voltage (5V, 9V, 12V, 15V, or 20V).
---
### Protection Mechanisms
The circuit board is populated with several safety components:
* **Input Fuse:** Protects against over-current from the mains.
* **NTC Thermistor:** Limits inrush current when first plugged in.
* **Y-Capacitor:** Suppresses Electromagnetic Interference (EMI).
* **Solid Polymer Capacitors:** Used on the output stage for superior ripple filtering and longer lifespan compared to standard electrolytic caps.
---
- ⤷
How does GaN technology compare to traditional Silicon in 65W chargers?
- ⤷ What are the specific USB Power Delivery profiles supported by the WPT-65W2-R?
- ⤷ Can you explain the thermal management design of this module?