WRPP-JMJ-R
AI

The **WRPP-JMJ-R** is a specific model of a **platinum-rhodium thermocouple**, typically used for high-temperature industrial measurements. This part is critical in environments like furnaces, glass manufacturing, and metallurgy.
---
### 1. Breakdown of the Model Designation
Industrial sensors follow a naming convention where each letter represents a technical specification:
| Code | Meaning | Description |
| :--- | :--- | :--- |
| **W** | Temperature Instrument | Standard prefix for temperature sensors. |
| **R** | Type S Thermocouple | Uses Platinum-10% Rhodium / Platinum wires. |
| **P** | Protection Tube | Indicates a specific protective casing (often ceramic). |
| **P** | Mounting Style | Usually refers to a spray-proof or waterproof junction box. |
| **JMJ** | Design Series | Manufacturer-specific series for structural design. |
| **R** | Flexible/Soft Structure | Often indicates a flexible lead or specific probe radius. |
---
### 2. Core Electronic Specifications
The electronic performance of the WRPP-JMJ-R is defined by the physical properties of Noble Metal (Type S) thermocouples.
* **Measurement Range:** 0°C to 1300°C (Long term); up to 1600°C (Short term).
* **Accuracy Class:** Class I (±1.0°C or ±0.4%|t|) or Class II (±1.5°C or ±0.25%|t|).
* **Output Signal:** Millivolt (mV) signal based on the Seebeck effect.
* **Reference Junction:** Requires cold-junction compensation (CJC) at the controller end.
---
### 3. Physical Components
As an electronic assembly, it consists of four primary sections:
1. **Thermocouple Wires:** The "heart" of the device. One wire is Platinum-Rhodium 10 (Positive), and the other is pure Platinum (Negative).
2. **Insulation:** High-purity alumina ($Al_2O_3$) beads that prevent the two wires from short-circuiting before reaching the measuring tip.
3. **Protection Sleeve:** Usually a corundum or ceramic tube to protect the noble metals from oxidation and chemical erosion.
4. **Junction Box:** An aluminum or stainless steel head where the internal wires connect to the external compensation cables.
---
### 4. Technical Advantages
* **High Precision:** Offers the highest accuracy among common industrial thermocouples.
* **Oxidation Resistance:** Excellent stability in oxidizing atmospheres at high temperatures.
* **Chemical Inertness:** Noble metal construction prevents degradation in harsh environments where base-metal thermocouples (like Type K) would fail.
- ⤷What is the difference between Type S and Type R thermocouples in this series?
- ⤷ How do I calibrate a WRPP-JMJ-R sensor?
- ⤷ What are the common failure modes for platinum-rhodium thermocouples?