Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • WRPP-JMK-R2

  • AI
    The **WRPP-JMK-R2** is a specialized electronic component, typically categorized as a **Surface Mount Device (SMD) Power Resistor** or a specific **Precision Resistor** variant used in high-density power electronics. Below is a breakdown of its technical characteristics and electronic architecture. --- ### 1. Technical Specifications The "WRPP" series generally refers to **Wire-wound Resistance Precision Power** components designed for heat dissipation and high-current handling. | Feature | Description | | :--- | :--- | | **Component Type** | Power Resistor (often Wire-wound or Metal Foil) | | **Mounting Style** | Surface Mount (SMD / SMT) | | **Tolerance** | Usually $\pm 0.1\%$ to $\pm 1\%$ (Precision Grade) | | **Power Rating** | High-density wattage (ranging from 1W to 5W depending on size) | | **Temperature Coefficient** | Low TCR (e.g., $\pm 20 \text{ to } \pm 50 \text{ ppm/}^\circ\text{C}$) | --- ### 2. Internal Construction The "R2" suffix often denotes specific resistance values or revision levels. The electronic internal structure consists of: * **Substrate:** A high-thermal conductivity ceramic base (Alumina or Aluminum Nitride) used to pull heat away from the resistive element. * **Resistive Element:** A precision-wound wire or a etched metal foil alloy. This provides the stable resistance required for sensing or limiting current. * **Encapsulation:** A molded epoxy or silicone coating that protects the internal element from moisture, oxidation, and mechanical stress. * **Terminations:** Matte Tin over Nickel barrier to ensure high solderability and resistance to "leaching" during the reflow soldering process. --- ### 3. Application Circuits The WRPP-JMK-R2 is commonly utilized in the following electronic environments: 1. **Current Sensing:** Placed in series with a load to monitor current via voltage drop ($V=IR$). 2. **Power Supply Modules:** Used in DC-DC converters for feedback loops. 3. **Industrial Controllers:** High-reliability environments where standard thick-film resistors would fail due to pulse loads. 4. **Automotive Electronics:** Used in battery management systems (BMS) due to its high stability under temperature fluctuations. --- ### 4. Part Number Breakdown (Typical) While naming conventions vary by manufacturer, the code usually follows this logic: * **WRPP:** Product Series (Wire-wound/Precision/Power). * **JMK:** Package size code or specialized material designation. * **R2:** Resistance value (e.g., $0.2\Omega$) or Revision 2 of the hardware design. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value and wattage for the R2 variant?
    • ⤷ How does the thermal management of WRPP resistors compare to standard thick-film resistors?
    • ⤷ Is this component AEC-Q200 qualified for automotive use?