WRPP-JNJ-R2
AI

The **WRPP-JNJ-R2** is a specific model of a **flexible armored thermocouple**, typically used for industrial temperature measurement. This specific nomenclature usually refers to a Type J thermocouple designed for high-pressure or high-temperature environments.
---
### 1. Key Electronic Components & Specifications
The WRPP-JNJ-R2 is not an active electronic circuit but a **passive sensor** based on the Seebeck Effect.
| Feature | Specification / Detail |
| :--- | :--- |
| **Thermocouple Type** | **Type J** (Iron-Constantan) |
| **Measurement Range** | Typically 0°C to +750°C |
| **Wire Materials** | Positive: Iron (Fe) / Negative: Constantan (Cu-Ni) |
| **Accuracy Class** | Class I or Class II (Standard) |
| **Probe Construction** | Armored (Mineral Insulated / Stainless Steel) |
| **Connection Type** | Usually 2-wire interface |
---
### 2. Physical & Material Structure
The "electronic" functionality relies heavily on the physical integrity of its layers:
* **Sensing Junction:** The tip where the two dissimilar metals are welded. This is where the millivolt (mV) signal is generated.
* **Insulation:** High-purity **Magnesium Oxide (MgO)** powder is used inside the armor to prevent short-circuiting between the wires and the outer shell.
* **Outer Sheath (Armor):** Stainless steel (e.g., SS304 or SS316) provides electromagnetic shielding and physical protection against corrosion and pressure.
* **Flexible Lead Wires:** Usually protected by a stainless steel overbraid to prevent mechanical wear and electrical noise interference.
---
### 3. Electrical Signal Output
The WRPP-JNJ-R2 outputs a low-voltage analog signal. Because it is a **Type J** sensor, it has a specific voltage-to-temperature curve:
1. **Voltage Output:** Roughly **52.69 microvolts per degree Celsius (µV/°C)**.
2. **Polarity:** The Iron wire is the positive terminal; the Constantan wire is the negative terminal.
3. **Cold Junction Compensation:** To read this sensor accurately, the receiving electronic device (PLC or Temperature Controller) must perform "Cold Junction Compensation" (CJC) to account for the temperature at the connection terminals.
---
### 4. Application Integration
In an electronic system, the WRPP-JNJ-R2 is typically connected to:
* **A/D Converters:** High-resolution (16-bit or 24-bit) Sigma-Delta ADCs.
* **Instrumentation Amplifiers:** To boost the microvolt signal to a readable level (0-5V or 4-20mA).
* **PID Controllers:** For closed-loop thermal management in injection molding or furnaces.
- ⤷
What is the difference in temperature range between a Type J and a Type K thermocouple?
- ⤷ How does the armored shielding affect the sensor's response time?
- ⤷ What are the common failure modes for the WRPP-JNJ-R2 in high-vibration environments?