WRPP-JNN-R2
AI

The **WRPP-JNN-R2** is a specialized electronic component typically used in industrial automation, specifically within the realm of temperature sensing and signal processing. Based on standard industrial nomenclature, this part is an **S-type Thermocouple Assembly** designed for high-temperature environments.
---
### 1. Technical Specifications Table
| Feature | Description |
| :--- | :--- |
| **Type** | S-Type Thermocouple (Platinum Rhodium 10-Platinum) |
| **Material** | Precious Metal (PtRh10-Pt) |
| **Temperature Range** | 0°C to 1300°C (Long term), up to 1600°C (Short term) |
| **Protection Tube** | Corundum (Alumina Ceramic) |
| **Output Signal** | Millivolt (mV) DC |
| **Interface/Connector** | R2 (Standard Terminal Box/Fixed Thread) |
---
### 2. Core Electronic Components
The WRPP-JNN-R2 is not a single "chip," but rather an electro-mechanical assembly consisting of several critical electronic parts:
#### A. The Thermoelements (The Sensors)
The heart of the device consists of two dissimilar metal wires:
* **Positive Pole:** Platinum Rhodium 10 (90% Pt, 10% Rh).
* **Negative Pole:** Pure Platinum.
* **Function:** It operates on the **Seebeck Effect**, generating a specific voltage (EMF) proportional to the temperature difference between the hot junction and the cold junction.
#### B. The Terminal Box (Junction)
Located at the head of the assembly, this contains the wiring terminals.
* **Insulation:** High-grade ceramic blocks to prevent short circuits between the fine wires.
* **Connection:** Usually features screw terminals for connecting compensation wires that lead to a PLC or PID controller.
#### C. Internal Insulation
Because the wires are precious metals and operate at extreme heat, they are threaded through **high-purity alumina ceramic beads**. These prevent the wires from touching and short-circuiting inside the protective tube.
---
### 3. Application Workflow
1. **Heat Detection:** The probe end is inserted into a furnace or kiln.
2. **Voltage Generation:** The temperature difference creates a low-voltage DC signal (measured in microvolts per degree).
3. **Transmission:** The signal travels through the ceramic-insulated wires to the terminal head.
4. **Signal Conversion:** Usually, an external **Temperature Transmitter** (not included in the basic probe) converts this raw mV signal into a 4-20mA current loop for industrial computers.
---
### 4. Key Advantages
* **High Precision:** Being a "Noble Metal" thermocouple, it offers much higher accuracy than Type K or J.
* **Oxidation Resistance:** Excellent stability in oxidizing atmospheres.
* **Durability:** The Corundum tube protects the electronic elements from chemical erosion and physical damage at temperatures exceeding 1000°C.
- ⤷
How do I calibrate a WRPP-JNN-R2 thermocouple?
- ⤷ What is the difference between an S-type and a K-type thermocouple in industrial use?
- ⤷ Does this model require a specific type of compensation wire?