Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • WRPP-KMK-R

  • AI
    The **WRPP-KMK-R** refers to a high-precision, waterproof industrial temperature sensor, typically a **Type S (Platinum-Rhodium)** thermocouple assembly. These are designed for extreme high-temperature environments, such as glass manufacturing, ceramics, and metal smelting. --- ### 1. Key Electronic Components & Specifications The device is composed of several critical layers and electronic junctions that allow it to convert thermal energy into a measurable voltage (Seebeck effect). | Component | Material/Specification | Function | | :--- | :--- | :--- | | **Thermocouple Type** | Type S (Pt-Rh10/Pt) | Precious metal wire for high precision. | | **Positive Wire (+)** | 90% Platinum / 10% Rhodium | Provides chemical stability at high heat. | | **Negative Wire (-)** | 100% Pure Platinum | Completes the circuit junction. | | **Protection Tube** | Corundum (Alumina Ceramic) | Protects internal wires from corrosion and slag. | | **Junction Box** | Waterproof Aluminum Alloy | Houses the terminal block and protects wiring. | | **Temperature Range** | 0°C to 1600°C | Sustained operation up to 1300°C. | --- ### 2. Functional Electronic Design The "KMK-R" designation usually points to a specific mechanical mounting and electrical connection style: 1. **Terminal Block:** Inside the head (junction box), there is a ceramic terminal block with brass or stainless steel screw terminals. This is where the compensation wires are connected to lead the signal to a PLC or temperature controller. 2. **Output Signal:** It outputs a low-voltage **millivolt (mV)** signal. This signal is non-linear and requires a specialized "Type S" input module on a controller to interpret correctly. 3. **Waterproof Insulation:** The "KMK" design often features an IP65 or higher rated enclosure, ensuring that moisture does not interfere with the electrical resistance of the circuit, which would otherwise cause "drift" or inaccurate readings. --- ### 3. Usage Precautions * **Polarity:** Being a DC millivolt device, polarity matters. Reversing the wires at the terminal block will result in the temperature reading going down as the actual temperature rises. * **Compensation Wires:** You must use **Type SC/RC** compensation wires. Using standard copper wire will introduce secondary junctions, leading to significant measurement errors. * **Vibration:** Because the internal ceramic (corundum) parts and precious metal wires are brittle, the unit should be protected from heavy mechanical shock or vibration.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Type S and Type K thermocouples in industrial use?
    • ⤷ How do I calibrate a WRPP-series thermocouple?
    • ⤷ What are the common causes of signal drift in high-temperature sensors?