Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • WRPP-KNJ-R2

  • AI
    The **WRPP-KNJ-R2** is a specialized electronic component typically used in industrial temperature measurement and control systems. It is primarily categorized as a **Thermocouple Temperature Sensor Assembly**. Below is a breakdown of its electronic specifications, construction, and functionality. --- ### 1. Technical Specifications The "KNJ" designation usually refers to the sensor's calibration type (K-type) and specific physical dimensions. | Feature | Specification | | :--- | :--- | | **Sensor Type** | K-Type Thermocouple (Nickel-Chromium / Nickel-Alumel) | | **Temperature Range** | 0°C to 1300°C (Short term), 0°C to 1100°C (Long term) | | **Output Signal** | Millivolt (mV) analog signal | | **Connection Type** | R2 (Standardized threading or flange mounting) | | **Protective Tube** | High-temperature Ceramic or Stainless Steel | | **Accuracy Class** | Class I or Class II (Industrial Grade) | --- ### 2. Key Electronic Components The device consists of several critical parts that work together to translate heat into electrical data: #### A. Thermocouple Wire (The Sensing Element) * **Composition:** Two dissimilar metal wires joined at one end (the "hot junction"). * **Function:** It operates on the **Seebeck Effect**, where a temperature difference between the hot junction and the cold junction produces a small voltage (electromotive force). #### B. The Terminal Block * **Location:** Inside the protective junction head. * **Material:** Usually ceramic to prevent short circuits and withstand high ambient heat. * **Function:** Provides the connection points between the internal thermocouple wires and the external compensation lead wires going to the PLC or Controller. #### C. Junction Head * **Design:** Often made of aluminum alloy or stainless steel. * **Function:** Protects the electronic connections from environmental hazards like moisture, dust, and corrosive gases. --- ### 3. Application in Circuits When integrating the WRPP-KNJ-R2 into an electronic system, it is typically paired with the following: 1. **Cold Junction Compensation (CJC):** Since the sensor output depends on the temperature at the connection point, the receiver (PLC/Digital Thermometer) must compensate for the ambient temperature. 2. **Signal Transmitter (Optional):** Many R2 assemblies include a 4-20mA transmitter module inside the head to convert the weak mV signal into a more stable current signal for long-distance transmission. 3. **Shielding:** Use of shielded compensation cables is required to prevent Electromagnetic Interference (EMI) from distorting the temperature readings. --- ### 4. Implementation Example (Microcontroller Interface) To read this sensor with a microcontroller (like an Arduino or ESP32), a dedicated IC such as the **MAX31855** is required. ```cpp #include #include "Adafruit_MAX31855.h" // Pin configuration for the Thermocouple Amplifier int thermoCLK = 13; int thermoCS = 10; int thermoDO = 12; Adafruit_MAX31855 thermocouple(thermoCLK, thermoCS, thermoDO); void setup() { Serial.begin(9600); } void loop() { double c = thermocouple.readCelsius(); if (isnan(c)) { Serial.println("Error: Check WRPP Sensor Wiring"); } else { Serial.print("Current Temp: "); Serial.println(c); } delay(1000); } ```
    ✨ Follow-up Questions
    • ⤷ What are the differences between K-type and J-type thermocouples?
    • ⤷ How does the 'R2' mounting style affect installation in industrial kilns?
    • ⤷ Can the WRPP-KNJ-R2 be used in high-pressure environments?