WRPPB-A1AM7R-R
AI

The **WRPPB-A1AM7R-R** is a specific part number typically associated with high-performance **pogo pin connectors** or specialized **spring-loaded contact interfaces**, often utilized in automated test equipment (ATE) or docking stations.
Below is a detailed breakdown of its electronic and mechanical characteristics.
---
### 1. Component Overview
This component is designed to establish a reliable, temporary electrical connection between two PCBs (Printed Circuit Boards) or between a device under test (DUT) and a test fixture.
| Feature | Specification |
| :--- | :--- |
| **Part Type** | Spring Loaded Connector (Pogo Pin) |
| **Mounting Type** | Surface Mount (SMT) or Through-Hole (depending on series suffix) |
| **Plating** | Gold (Au) over Nickel (Ni) |
| **Contact Material** | Copper Alloy / Beryllium Copper |
| **Durability** | High cycle life (often 10,000 to 100,000 cycles) |
---
### 2. Key Electrical Specifications
The performance of the WRPPB-A1AM7R-R is defined by its ability to maintain low contact resistance under varying compression.
* **Rated Current:** Typically ranges from **2A to 5A** per pin, depending on the ambient temperature and heat dissipation.
* **Contact Resistance:** Extremely low, usually **<30 mΩ** (milliohms) to ensure signal integrity.
* **Rated Voltage:** Generally rated for low voltage DC applications (up to **12V - 24V DC**).
* **Insulation Resistance:** Usually **>1000 MΩ** at 500V DC.
---
### 3. Mechanical & Material Construction
The "R" suffix often indicates **RoHS compliance** or a specific **Tape & Reel** packaging for automated assembly.
#### Internal Components:
1. **Plunger:** The moving part that contacts the target. Gold plating ensures low oxidation.
2. **Barrel:** Houses the spring and guides the plunger.
3. **Spring:** Stainless steel or music wire, providing the "force" (expressed in grams or Newtons).
#### Dimensions & Force:
* **Full Stroke:** The maximum distance the pin can be compressed.
* **Working Height:** The recommended compression height for optimal electrical contact.
* **Spring Force:** Calculated to provide enough pressure to break through surface oxides without damaging the mating pad.
---
### 4. Typical Applications
* **Consumer Electronics:** Charging cradles for smartwatches and wearable tech.
* **Industrial Testing:** Used in "Bed of Nails" testers to verify PCB functionality.
* **Data Transfer:** High-speed docking stations where quick connect/disconnect is required.
* **Battery Terminals:** Temporary power connections for removable battery packs.
---
- ⤷
What is the exact pitch spacing for the WRPPB-A1AM7R-R pin array?
- ⤷ How does the gold plating thickness affect the lifecycle of this connector?
- ⤷ Is this specific model rated for high-frequency signal transmission?