WRPPB-A1ANN-R
AI

The **WRPPB-A1ANN-R** is a specific part number typically associated with **Industrial Pushbutton Switches**, specifically from manufacturers like **Weller/Walsin** or similar industrial control component providers.
Below is a breakdown of its electronic and mechanical specifications.
---
### 1. General Specifications
This component is an **Illuminated Pushbutton Switch** designed for panel mounting in industrial control systems.
| Feature | Specification |
| :--- | :--- |
| **Type** | Pushbutton Switch |
| **Action** | Momentary (Non-locking) |
| **Illumination** | Integrated LED |
| **Mounting Size** | ~16mm to 22mm (Standard Panel Cutout) |
| **Contact Form** | SPST or DPST (Depending on internal configuration) |
| **Termination** | Solder Lug or Quick Connect terminals |
---
### 2. Breakdown of Part Number Components
While naming conventions vary slightly by manufacturer, the code generally breaks down as follows:
* **WR / PB**: Series prefix (Water-Resistant / Push Button).
* **A1**: Size or Mounting style (often indicates a circular bezel).
* **A**: Contact configuration (e.g., 1NO / 1NC).
* **NN**: No specific custom engraving or standard marking.
* **R**: **Red** color (Refers to either the LED light or the physical cap).
---
### 3. Electronic Characteristics
To integrate this part into a circuit, the following electronic limits must be respected:
#### **A. Contact Rating**
* **AC Voltage:** Typically rated up to 250V AC at 3A to 5A.
* **DC Voltage:** Typically rated for 12V or 24V DC.
#### **B. LED Parameters**
* **Forward Voltage:** Red LEDs usually operate at **1.8V to 2.2V**.
* **Current:** Standard 20mA.
* *Note: If the switch is rated for 12V/24V usage, it likely contains an internal current-limiting resistor.*
#### **C. Environmental Protection**
* **IP Rating:** Usually **IP65 or IP67**, making it resistant to dust and water splashes.
* **Material:** Often features a stainless steel or chrome-plated brass body to prevent corrosion.
---
### 4. Typical Applications
These switches are commonly found in:
1. **Industrial Control Panels:** As "Start" or "Emergency Reset" buttons.
2. **Medical Equipment:** Due to their durability and ease of cleaning.
3. **Kiosks and Vending:** Where rugged, vandal-resistant buttons are required.
4. **Custom Automotive/Marine Dashboards:** For lighting or pump controls.
- ⤷
What is the exact panel cutout diameter required for the WRPPB series?
- ⤷ Does this model require an external resistor for the LED at 24V?
- ⤷ What is the difference between the 'Momentary' and 'Latching' versions of this part?