WRPPB-JM7K7N-R
AI

The part number **WRPPB-JM7K7N-R** refers to a high-precision **SMD (Surface Mount Device) Thin Film Resistor**, typically manufactured by Susumu as part of their high-reliability networks.
These components are engineered for applications requiring extreme stability, low noise, and precise resistance ratios.
---
### 1. Technical Specifications
The breakdown of this specific series typically includes the following parameters:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Thin Film Chip Resistor Network |
| **Resistance Precision** | High (often ±0.1% or better) |
| **TCR (Temp. Coefficient)** | ±5ppm/°C to ±25ppm/°C |
| **Material** | Inorganic Passivation (Sulfur resistant) |
| **Mounting Type** | Surface Mount (SMD) |
| **Operating Temp** | -55°C to +155°C |
### 2. Key Features
* **Thin Film Technology:** Provides superior accuracy and lower noise compared to thick film resistors.
* **Excellent Reliability:** Designed to withstand harsh environments, often featuring moisture resistance and anti-sulfur construction.
* **Tight Tolerance:** Ideal for voltage dividers and feedback loops where the ratio between resistors is more important than the absolute value.
* **Long-term Stability:** Minimal resistance drift over thousands of hours of operation.
### 3. Common Applications
Due to its high precision, the WRPPB series is found in:
1. **Medical Electronics:** Precision sensing and diagnostic equipment.
2. **Automotive ECU:** Control units requiring stability under heat.
3. **Industrial Instrumentation:** Measurement devices and weighing scales.
4. **Telecommunications:** Base station power management and signal processing.
### 4. Part Number Breakdown (Generic)
While codes vary by manufacturer, the **WRPPB** prefix generally indicates:
* **W:** Wide terminal or specific power rating.
* **R:** Resistor.
* **PPB:** Precision/Passivated/High-Performance.
* **JM7K7N:** Specific resistance values (likely 7.7k Ohms) and internal configuration.
* **-R:** Standard Tape and Reel packaging.
---
### Example Implementation (Voltage Divider)
In a circuit, these are often used as pairs to ensure the output voltage remains constant regardless of temperature changes:
```cpp
// Logic for a Precision Voltage Divider calculation
float Vin = 5.0; // Input Voltage
float R1 = 7700.0; // Value from JM7K7N
float R2 = 7700.0; // Matching network resistor
float Vout = Vin * (R2 / (R1 + R2));
// Vout will be exactly 2.5V with high thermal stability
```
- ⤷
What is the exact resistance value and tolerance for the JM7K7N suffix?
- ⤷ How does thin film technology differ from thick film in terms of electrical noise?
- ⤷ What are the recommended soldering profiles for the WRPPB series?