AI

The part number **WRPPB-KJAR-R** refers to a high-performance **Push-Pull Circular Connector**, typically manufactured by brands like **Hirose** (HR10 Series variants) or compatible high-density connector specialists. These are widely used in industrial, medical, and testing equipment due to their secure locking mechanism.
---
## 1. Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Connector Type** | Push-Pull Circular Connector |
| **Contact Gender** | Female (Receptacle/Socket) |
| **Mounting Type** | Panel Mount (typically Rear or Front nut) |
| **Locking Mechanism** | Push-Pull Self-Latching |
| **Number of Pins** | Varies by sub-series (commonly 4, 6, 10, or 12) |
| **Termination Style** | Solder or PCB Tail |
| **Body Material** | Brass/Zinc alloy with Nickel or Chrome plating |
---
## 2. Key Component Breakdown
### A. Push-Pull Latching System
The "Push-Pull" design is the core electronic/mechanical feature. Unlike threaded connectors that require twisting, these lock automatically when pushed into the mate.
- **Security:** It cannot be disconnected by pulling on the cable.
- **Release:** It is disconnected by pulling back the outer sleeve of the mating plug.
### B. Contact Materials and Conductivity
- **Pins/Sockets:** Usually made of **Gold-plated Copper Alloy**. Gold is used to prevent oxidation and ensure low contact resistance over hundreds of mating cycles.
- **Insulator:** High-grade engineering plastic (like PPS or PEEK) that provides high insulation resistance and can withstand soldering temperatures.
### C. Shielding and EMI
The metal shell (Chrome/Nickel plated) provides **360° EMI shielding**. This is critical for electronic signals in medical imaging or sensitive sensors where electromagnetic interference can distort data.
---
## 3. Application Use Cases
1. **Medical Electronics:** Used in patient monitoring devices and handheld diagnostic tools where quick connection/disconnection is vital.
2. **Instrumentation:** Data acquisition systems and oscilloscopes.
3. **Audio/Visual:** Professional-grade microphones and camera control units.
---
## 4. Integration Example
If you are designing a PCB for this connector, the pinout configuration is usually circular. In a schematic, it is represented as a multi-pin header:
```python
# Conceptual Pin Mapping for a 4-pin WRPPB series
Connector_Pinout = {
"Pin_1": "VCC (+5V/12V)",
"Pin_2": "Data_Positive (D+)",
"Pin_3": "Data_Negative (D-)",
"Pin_4": "Ground (GND)"
}
```
- ⤷
What is the maximum current rating for the WRPPB-KJAR-R contacts?
- ⤷ Does this connector series have an IP (Ingress Protection) rating for waterproof use?
- ⤷ What is the compatible mating plug part number for this receptacle?