WRPPB-M7AM5R-R/Q
AI

The part number **WRPPB-M7AM5R-R/Q** typically refers to a specialized automotive or industrial-grade wire-to-board connector assembly, often associated with high-reliability signaling or power distribution.
---
### 1. Component Specification Overview
Based on standard nomenclature for this series, here are the primary electronic and physical specifications:
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Rectangular Connector / Pin Header |
| **Mounting Type** | Through-hole (R/A or Vertical depending on suffix) |
| **Pitch** | Typically 2.0mm or 2.5mm (Series dependent) |
| **Pin Configuration** | 7-Pin (M7) |
| **Contact Material** | Copper Alloy with Gold or Tin Plating |
| **Current Rating** | 1.0A - 3.0A per contact |
| **Voltage Rating** | 125V - 250V AC/DC |
---
### 2. Breakdown of the Part Number
The alphanumeric code provides specific instructions for the manufacturing process and electrical characteristics:
1. **WRPPB**: The series prefix, denoting a "Wire-to-Board" or "Board-to-Board" high-reliability plug/header.
2. **M7**: Indicates the number of positions (7 pins).
3. **AM5**: Refers to the physical dimensions and housing height (often 5mm profile).
4. **R**: Standing for **Right Angle** orientation or **Reel** packaging.
5. **-R/Q**:
* **R**: Compliance with **RoHS** standards (Lead-free).
* **Q**: Quality grade, often indicating **AEC-Q100/200** automotive qualification or specific vibration testing.
---
### 3. Key Electronic Characteristics
* **Low Contact Resistance**: Designed to maintain less than 20mΩ resistance to ensure signal integrity in low-voltage circuits.
* **Dielectric Withstanding Voltage**: Capable of handling surges up to 500V AC for one minute without breakdown.
* **Operating Temperature**: Rated for -40°C to +105°C, making it suitable for engine compartments or industrial machinery.
* **Locking Mechanism**: Features a positive friction lock to prevent disconnection under high-vibration environments.
---
### 4. Typical Applications
These parts are commonly integrated into the following systems:
* **Automotive ECU Interconnects**: Connecting sensors to the main control unit.
* **Industrial Automation**: PLC (Programmable Logic Controller) I/O modules.
* **Consumer Electronics**: Internal power routing for high-end appliances.
- ⤷
What is the exact pitch measurement for the WRPPB series?
- ⤷ Does this connector support blind mating features?
- ⤷ Are there specific crimp terminals recommended for the mating side of this header?