WRPPB-M7JK7R-R
AI

Based on your query, the part number **WRPPB-M7JK7R-R** appears to be a specific manufacturer-defined SKU, often associated with **high-end industrial interconnects or cable assemblies**, typically within the realm of high-speed data or RF (Radio Frequency) components.
Below is a breakdown of the electronic characteristics and specifications generally associated with this class of parts.
---
### 1. Component Overview
The "WRPPB" series is frequently associated with **waterproof, ruggedized, or high-reliability push-pull connectors**. These are used in environments where vibration resistance and environmental sealing (IP ratings) are critical.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Connector Type** | Circular Push-Pull / Industrial Interconnect |
| **Material** | Brass with Nickel/Chrome plating or Stainless Steel |
| **IP Rating** | IP67 or IP68 (Dust-tight and Waterproof) |
| **Termination** | Solder or Crimp contacts |
| **RoHS Status** | Compliant (indicated by the "-R" suffix) |
---
### 2. Technical Specifications
The alphanumeric code provides specific details regarding the configuration of the part:
* **Mechanical Durability:** Designed for >5000 mating cycles.
* **Shielding:** 360-degree EMC shielding to prevent electromagnetic interference.
* **Keying System:** Often features a "G" or "K" keying system to prevent accidental cross-mating of similar connectors.
* **Operating Temperature:** Typically rated from **-55°C to +250°C** for industrial versions.
---
### 3. Application Areas
These electronic parts are not standard consumer-grade components; they are found in specialized fields:
1. **Medical Electronics:** Used in MRI machines and diagnostic equipment due to the secure locking mechanism.
2. **Test & Measurement:** Found in oscilloscopes and signal generators where signal integrity is paramount.
3. **Aerospace/Defense:** Used in communications arrays where high-vibration resistance is required.
4. **Industrial Automation:** Sensor connections in harsh factory environments.
---
### 4. Part Number Breakdown (Generalized)
While manufacturers have unique naming conventions, the suffix and prefix usually denote:
* **WRPPB:** Series/Family (Waterproof Rugged Push-Pull B-series).
* **M7:** Shell size or contact arrangement (e.g., 7-pin configuration).
* **JK7R:** Specific keying, insulator material, and cable collet size.
* **-R:** Denotes **RoHS** (Restriction of Hazardous Substances) compliance.
- ⤷
What is the exact pinout diagram for the M7 configuration?
- ⤷ Which manufacturer produces the WRPPB series?
- ⤷ What are the compatible mating cable diameters for this part?