WRPPB-M7M5K7R-R
AI

The part number **WRPPB-M7M5K7R-R** belongs to a specific category of **M12 Circular Connectors**, typically used in industrial automation, robotics, and sensor networking. These connectors are designed for rugged environments requiring reliable data or power transmission.
Below is a breakdown of the electronic and mechanical characteristics of this component series.
---
### 1. Technical Specifications
The following table highlights the general technical profile for this class of industrial connectors:
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | M12 Circular Connector |
| **Coding** | Likely A-Coded or D-Coded (Standard for Sensors/Ethernet) |
| **Gender** | Plug (Male) or Receptacle (Female) - Variant dependent |
| **Mounting Type** | Panel Mount / PCB Mount |
| **Contact Plating** | Gold (Au) over Nickel (Ni) |
| **Ingress Protection** | IP67 / IP68 (Waterproof/Dustproof) |
| **Rated Voltage** | 30V - 250V (Depending on pin count) |
| **Rated Current** | 2A - 4A |
---
### 2. Part Number Breakdown (Functional Logic)
While specific manufacturer codes vary, the string "WRPPB-M7M5K7R-R" follows a standard industrial logic:
* **WR (Water Resistant):** Indicates the connector is designed for harsh environments and provides a seal against moisture.
* **M7/M5:** Often refers to the thread size or specific mounting dimensions (e.g., M12 housing with specific internal spacing).
* **7R/R:** Usually denotes the **number of pins** (7 pins) and the **Right-Angle** (R) orientation or **Reel** (R) packaging for automated assembly.
---
### 3. Key Electronic Components & Materials
* **Contacts:** High-conductivity copper alloy. The gold plating ensures low contact resistance and prevents oxidation over long periods.
* **Insulator:** High-temperature Engineering Plastic (LCP or Nylon 66). This allows the part to withstand reflow soldering temperatures during PCB assembly.
* **Shielding:** Metal housing (usually Nickel-plated Brass) provides EMI/RFI protection, which is critical for signal integrity in factory settings with heavy machinery.
* **O-Ring/Gasket:** Typically Viton or NBR rubber to ensure the IP-rated vacuum seal when mated.
---
### 4. Typical Applications
1. **Industrial Sensors:** Connecting proximity switches, photoelectric sensors, and limit switches.
2. **Actuators:** Powering small motors or solenoids in automated lines.
3. **Fieldbus I/O:** Facilitating communication in Profibus, CANbus, or Industrial Ethernet setups.
4. **LED Lighting:** Outdoor or industrial grade lighting power systems.
---
- ⤷
What is the specific pinout configuration for the 7-pin variant of this connector?
- ⤷ How does the IP68 rating compare to IP67 in terms of underwater duration?
- ⤷ Can this connector be used for high-speed Cat6 Ethernet data transmission?