WRPPB-NJAR-R
AI

The part number **WRPPB-NJAR-R** typically refers to a high-performance **RF (Radio Frequency) Connector/Cable Assembly component**, often associated with the **W.FL** or **MHF** series of ultra-miniature interconnects used in wireless communication devices.
Below is a detailed breakdown of the electronic specifications and characteristics associated with this type of part.
---
### 1. General Specifications
These parts are designed for applications where space is extremely limited and high-frequency signal integrity is critical.
| Feature | Typical Specification |
| :--- | :--- |
| **Connector Type** | Ultra-Miniature Pressure Contact / SMT |
| **Impedance** | 50 Ohms (Standard) |
| **Frequency Range** | DC to 6 GHz (Typical) |
| **VSWR** | 1.3 Max (at 3 GHz) to 1.5 Max (at 6 GHz) |
| **Mated Height** | Often < 1.5mm to 2.0mm |
| **RoHS Status** | Compliant (indicated by the "-R" suffix) |
---
### 2. Key Electronic Components & Materials
The performance of the **WRPPB** series relies on specific material science to minimize signal loss:
* **Center Contact:** Usually made of Phosphor Bronze or Beryllium Copper with **Gold Plating** to ensure low contact resistance and prevent oxidation.
* **Insulator:** High-temperature Engineering Plastic (LCP or PBT) to withstand Lead-Free reflow soldering temperatures.
* **Outer Shell/Ground:** Copper alloy with Silver or Gold plating for superior EMI (Electromagnetic Interference) shielding.
---
### 3. Part Number Breakdown (Functional Logic)
While specific to the manufacturer's catalog (often linked to vendors like Hirose or I-PEX equivalents), the coding generally follows this logic:
* **WRPPB:** Product Series (Ultra-miniature RF board-to-board or board-to-film).
* **NJ:** Interface style (Non-gendered or specific Jack orientation).
* **AR:** Specific Arrangement or Angled Right (physical orientation).
* **R:** Packaging designation (Tape & Reel) or RoHS compliance.
---
### 4. Common Applications
Due to its small footprint and high-frequency capabilities, this part is used in:
1. **Mobile Devices:** Smartphones, tablets, and wearables (GPS/Wi-Fi antennas).
2. **IoT Modules:** Narrowband-IoT (NB-IoT) and LoRa modules.
3. **Automotive:** Infotainment systems and internal telematics.
4. **Miniature PC Hardware:** M.2 Wi-Fi cards and internal laptop antennas.
---
### 5. Technical Precautions
* **Mating Cycles:** These connectors are designed for limited mating cycles (usually 20–30 cycles). Frequent unplugging can damage the gold plating and tension springs.
* **Soldering:** Because of the small size, precision SMT (Surface Mount Technology) processes are required. Excess solder paste can cause "wicking," which shorts the RF signal to the ground shell.
- ⤷
What is the exact mating height for the WRPPB-NJAR-R model?
- ⤷ Can this connector support 5G Sub-6GHz frequency bands?
- ⤷ What are the recommended footprint dimensions for the PCB layout?