WRS-441-R
AI

The **WRS-441-R** is a specific model of a **Miniature Rocker Switch**. These components are widely used in power distribution and user-interface panels for electronic devices.
Below is a detailed breakdown of its electronic and mechanical parts.
---
### 1. Technical Specifications Table
| Feature | Description |
| :--- | :--- |
| **Switch Type** | Rocker Switch |
| **Circuitry** | SPST (Single Pole Single Throw) |
| **Switch Function** | ON-OFF |
| **Current Rating** | Typically 16A @ 125VAC / 10A @ 250VAC |
| **Mounting Type** | Panel Mount (Snap-in) |
| **Termination Style** | Quick Connect / Solder Terminals |
---
### 2. Key Electronic & Physical Components
#### A. The Actuator (The "Rocker")
The visible part of the switch that the user presses.
* **Material:** Usually made of heat-resistant Nylon 66.
* **Markings:** Often features "I" and "O" symbols to represent the closed (ON) and open (OFF) states.
#### B. The Housing (Body)
The rectangular frame that holds the internal components.
* **Snap-in Clips:** It features flexible plastic tabs that allow it to be pushed into a pre-cut rectangular hole in a metal or plastic panel without needing screws.
#### C. Internal Contacts
* **Moving Contact (Armature):** A metal piece (often copper alloy) that tilts back and forth inside the switch.
* **Stationary Contacts:** The fixed points where the circuit is completed. These are often silver-plated to ensure high conductivity and minimize "arcing" (sparks) when switching under load.
#### D. The Terminals
Located at the bottom of the switch, these connect the switch to the rest of the electronic circuit.
* **WRS-441-R** typically features two terminals since it is a **Single Pole Single Throw** (SPST) device.
* **Material:** Brass or Copper with tin or silver plating for easier soldering or terminal crimping.
---
### 3. Circuit Representation
The WRS-441-R functions as a simple "Gate" in a circuit:
```text
[ Terminal 1 ] ----------/ ---------- [ Terminal 2 ]
(Source) (Switch) (Load)
```
### 4. Application Common Uses
* **Power Strips:** Used as the main master power toggle.
* **Appliances:** Found in coffee makers, vacuum cleaners, and desktop PCs.
* **Industrial Panels:** Used for low-to-medium voltage control signals.
---
- ⤷What is the difference between SPST and SPDT rocker switches?
- ⤷ Can the WRS-441-R handle DC voltage
- ⤷ or is it only for AC?
- ⤷ How do I determine the correct panel cut-out size for this switch?