WRS-4B1-R
AI

The **WRS-4B1-R** is a specific type of **Rocker Switch** commonly used in consumer electronics, power strips, and small appliances. It is designed to act as a manual interface to connect or disconnect an electrical circuit.
---
### 1. Technical Specifications
Below are the typical technical parameters for this component:
| Feature | Specification |
| :--- | :--- |
| **Switch Type** | Rocker Switch |
| **Circuit Configuration** | SPST (Single Pole Single Throw) |
| **Current Rating** | 10A @ 125VAC / 6A @ 250VAC |
| **Contact Resistance** | ≤ 50mΩ |
| **Insulation Resistance** | ≥ 100MΩ (500VDC) |
| **Dielectric Strength** | 1500VAC / 1 minute |
| **Mechanical Life** | > 10,000 Cycles |
| **Mounting Type** | Panel Mount (Snap-in) |
---
### 2. Key Components & Materials
The "Electronic Parts" within this assembly include:
* **Actuator (The Rocker):** Usually made of Nylon (PA66). This is the part the user presses.
* **Housing:** The plastic body that snaps into the device panel.
* **Terminals:** Usually silver-plated brass or copper alloy. These are the metal pins at the bottom where wires are soldered or connected via quick-connect lugs.
* **Contact Mechanism:** Inside the switch, a moving copper plate (the "bridge") makes or breaks the connection between the terminals.
* **Internal Spring:** Provides the tactile "click" feel and ensures the contacts stay firmly in place when switched.
---
### 3. Pinout and Installation
The WRS-4B1-R is a **2-pin** switch. Because it is an SPST switch, it acts as a simple gate:
```text
[ Terminal 1 ] <---- Incoming Hot Wire (Line)
|
[Switch]
|
[ Terminal 2 ] <---- Outgoing to Load (Device)
```
**Note:** Since this model is a basic rocker (indicated by the 'R' suffix usually denoting Red or Round depending on the sub-manufacturer), ensure you check if your specific version has an integrated **Neon Lamp**. If it has 3 pins, one pin is dedicated to a Neutral connection to power the internal light.
---
### 4. Safety Considerations
* **Voltage Limits:** Never exceed the rated voltage (250V). Doing so can cause internal "arcing," which leads to fire hazards.
* **Heat Dissipation:** Ensure the terminals are tightly crimped or soldered. Loose connections create resistance, which generates heat and can melt the plastic housing.
- ⤷
What is the difference between SPST and DPST rocker switches?
- ⤷ How do I wire a 3-pin illuminated version of this switch?
- ⤷ What size panel cutout is required for the WRS-4B1-R?