AI

The **WRS-4B2-R** is a specific model of a **Rocker Switch**, commonly used in industrial controls, power strips, and various electronic appliances. It is designed to act as a manual interface for breaking or establishing an electrical circuit.
---
### 1. Technical Specifications
The following table outlines the typical electrical and mechanical characteristics of the WRS-4B2-R series:
| Feature | Specification |
| :--- | :--- |
| **Switch Type** | Rocker Switch |
| **Circuit Configuration** | DPST (Double Pole, Single Throw) |
| **Actuator Action** | On-Off (Latching) |
| **Current Rating** | 15A @ 125VAC / 10A @ 250VAC |
| **Contact Resistance** | ≤ 50mΩ (Initial) |
| **Insulation Resistance** | ≥ 100MΩ @ 500VDC |
| **Dielectric Strength** | 1500VAC for 1 minute |
| **Operating Temperature** | -25°C to +85°C |
| **Mechanical Life** | > 10,000 Cycles |
---
### 2. Component Breakdown
The WRS-4B2-R consists of several internal and external electronic parts that work in unison:
1. **Actuator (The Rocker):** The external plastic piece that the user presses. In the "R" variant, this is often **Red**.
2. **Housing:** Made of high-temperature resistant nylon (UL94V-2 rated), which holds the internal components and snaps into a panel cutout.
3. **Stationary Contacts:** Fixed metal terminals (usually silver-plated copper) that connect to the external wiring.
4. **Moving Contacts (Bridge):** A metal leaf that moves when the actuator is toggled, completing or breaking the path for the current.
5. **Terminals:** Usually 4 pins for a DPST configuration, allowing the switch to control two separate lines (Hot and Neutral) simultaneously.
---
### 3. Wiring Configuration (DPST)
Since this is a **Double Pole, Single Throw** switch, it has 4 terminals. Here is how the internal logic functions:
```text
[ Terminal 1 ] ---- [ Switch A ] ---- [ Terminal 2 ]
[ Terminal 3 ] ---- [ Switch B ] ---- [ Terminal 4 ]
```
* When the switch is **ON**, 1 connects to 2, and 3 connects to 4.
* When the switch is **OFF**, all connections are open.
* This is ideal for safety as it completely isolates the device from the power source by cutting both lines.
---
### 4. Key Applications
* **Power Supplies:** Main power switch for desktop units.
* **Household Appliances:** Used in coffee makers, vacuum cleaners, and heaters.
* **Industrial Equipment:** Control panels for small machinery.
* **Audio/Video Gear:** Power management for amplifiers or mixers.
- ⤷
What is the standard panel cutout size for the WRS-4B2-R?
- ⤷ Does this specific model include an internal LED or neon lamp indicator?
- ⤷ What are the advantages of a DPST switch over a SPST switch in high-voltage applications?