WSBS-15BC-R/Q
AI

The **WSBS-15BC-R/Q** is a high-performance **water sensor/flow meter assembly** typically used in appliances (like dishwashers or washing machines) and industrial fluid management systems. It is designed to measure the volume of water entering a system and often includes integrated sensing for pressure or temperature depending on the specific sub-variation.
---
### 1. Technical Specifications
The device operates on a Hall Effect principle to convert mechanical turbine rotation into electrical pulses.
| Component | Specification |
| :--- | :--- |
| **Sensing Method** | Hall Effect Sensor |
| **Operating Voltage** | 4.5V to 24V DC |
| **Flow Range** | Typically 0.5 to 15 Liters/Minute |
| **Output Signal** | Square Wave (NPN Open Collector) |
| **Material** | Food-grade PPS / PA66 (Polyamide) |
| **Connector Type** | RAST 2.5 or custom wire harness |
---
### 2. Key Electronic Components
The assembly consists of several critical electronic and electromechanical parts:
* **Hall Effect IC:** This is the "brain" of the sensor. It detects the magnetic field from the internal turbine's magnet as it spins. Each rotation triggers a voltage pulse.
* **Internal Magnet:** A small permanent magnet embedded within the turbine rotor.
* **Pull-up Resistor (Optional):** Many versions require or include a pull-up resistor (usually 4.7kΩ to 10kΩ) between the signal wire and VCC to ensure a clean high/low digital signal.
* **EMI/EMC Protection:** Often includes small capacitors to filter electrical noise, ensuring the pulse count is accurate even near electric motors.
---
### 3. Pinout and Connection
Most **WSBS** series sensors use a 3-wire configuration:
| Pin | Color (Typical) | Function |
| :--- | :--- | :--- |
| **VCC** | Red | Power Supply (+) |
| **GND** | Black | Ground (-) |
| **OUT** | Yellow/White | Pulse Signal (Square Wave) |
---
### 4. Working Mechanism
1. **Fluid Entry:** Water flows through the inlet, pushing the internal turbine.
2. **Rotation:** The turbine spins at a speed proportional to the water velocity.
3. **Signal Generation:** As the magnet passes the Hall Effect IC, the sensor toggles the output pin.
4. **Data Processing:** The external controller (MCU) counts these pulses. By multiplying the pulses by the "K-Factor" (pulses per liter), the controller calculates the exact volume of water.
---
- ⤷
What is the K-Factor for the WSBS-15BC for flow rate calculation?
- ⤷ How do I troubleshoot a zero-pulse output from this sensor?
- ⤷ Can this sensor be used with hot water systems above 80°C?