WSBS-15CB-R/Q
AI

The **WSBS-15CB-R/Q** refers to a high-precision, low-resistance shunt resistor manufactured by **Vishay Dale**. These components are specifically designed for high-current sensing applications, typically found in battery management systems and power distribution units.
---
### 1. Key Technical Specifications
The following table outlines the core electronic characteristics of the WSBS series:
| Parameter | Specification |
| :--- | :--- |
| **Resistance Value** | Typical range around 50 µΩ to 1000 µΩ |
| **Power Rating** | Up to 36 W (depending on air flow/heat sinking) |
| **Tolerance** | ± 1% or ± 5% |
| **Material** | Solid metal Manganese-Copper alloy |
| **Temperature Coefficient** | Low TCR (< 20 ppm/°C for the alloy) |
| **Inductance** | Very low (< 5 nH) |
---
### 2. Physical Construction and Features
The "CB" designation often refers to a specific lead configuration or "C-Beam" style geometry.
* **Electron-Beam Welded Construction:** The resistive element is welded to heavy copper connectors. This ensures maximum stability and minimal thermal EMF (Electromotive Force).
* **Bolt-Down Design:** The "R/Q" variants are designed for mechanical fastening (bolting) directly to a busbar or battery terminal. This provides a robust mechanical connection capable of handling vibration.
* **Kelvin Connection (4-Terminal):** While the physical part may be a 2-terminal bolt-on, it is designed for a "Kelvin" sensing setup where voltage is measured across the resistive element to eliminate the resistance of the leads/bolts from the measurement.
---
### 3. Applications
These parts are engineered for environments requiring extreme durability and high current measurement:
1. **Automotive Battery Management (BMS):** Measuring the State of Charge (SoC) and State of Health (SoH) by monitoring current flow in/out of EV batteries.
2. **Solar Inverters:** Monitoring DC current strings.
3. **Industrial Power Supplies:** High-capacity current shunts for protection and regulation.
4. **Forklifts and Heavy Machinery:** Power monitoring for high-torque electric motors.
---
### 4. Part Number Breakdown (Generic)
| Prefix | Series | Size/Construction | Resistance | Tolerance |
| :--- | :--- | :--- | :--- | :--- |
| **WSBS** | Vishay Power Shunt | **15CB**: Physical size and Bolt-style | **R/Q**: Revision or specific Terminal finish | **R00010**: Value (e.g., 100 µΩ) |
- ⤷
What is the maximum current capacity for the WSBS-15CB series?
- ⤷ How does temperature affect the accuracy of this shunt resistor?
- ⤷ What are the advantages of using a shunt over a Hall-effect sensor for current sensing?