WSBS-15DA-R/
AI

The **WSBS-15DA-R** is a high-precision, low-resistance shunt resistor specifically designed for automotive and industrial battery management systems (BMS). It is part of the Vishay Dale Power Metal Strip® series.
---
## Technical Specifications
The following table outlines the primary electronic characteristics of the WSBS-15DA-R:
| Parameter | Specification |
| :--- | :--- |
| **Resistance Value** | 100 µΩ (0.0001 Ω) |
| **Power Rating** | 36 W (Continuous) |
| **Tolerance** | ± 5.0 % (Standard) |
| **Temperature Coefficient (TCR)** | < ± 200 ppm/°C |
| **Thermal EMF** | < 1 µV/°C |
| **Operating Temp Range** | -65 °C to +170 °C |
| **Construction** | Solid metal Manganese-Copper alloy |
---
## Key Components and Design Features
### 1. Resistive Element
The core of the component is a solid **manganese-copper alloy** resistive element. This material is chosen for its extremely low resistance and high stability over a wide range of temperatures, which is critical for accurate current sensing.
### 2. Physical Construction
* **Bolt-On Design:** Unlike standard surface-mount (SMD) resistors, the WSBS-15DA-R features a "Power Metal Strip" design with two holes for bolt-on mounting. This ensures a secure, high-current connection directly to battery terminals or busbars.
* **All-Welded Construction:** The transition between the resistive alloy and the terminals is welded, reducing the risk of resistance drift caused by mechanical stress or heat cycles.
### 3. Electronic Behavior
* **Low Inductance:** The strip design results in very low self-inductance (< 5 nH), which is vital for high-frequency measurement and switching environments.
* **Thermal Management:** The large mass of the metal strip helps dissipate heat efficiently, allowing it to handle high pulse currents without permanent damage.
---
## Common Applications
Because of its ability to handle very high currents (hundreds of Amperes), it is used in:
* **Battery Management Systems (BMS):** Measuring state-of-charge (SoC) and state-of-health (SoH).
* **Electric Vehicles (EV):** Monitoring high-voltage battery packs.
* **Solar Inverters:** Managing high-current DC inputs.
- ⤷
What is the maximum current capacity for the WSBS-15DA-R based on its 36W power rating?
- ⤷ How does the low thermal EMF of this part improve measurement accuracy?
- ⤷ What are the recommended mounting torque specifications for the bolt-on terminals?