Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • WSBS-162A-R/Q

  • AI
    The **WSBS-162A-R/Q** is a specialized electronic component, specifically a **Power Shunt Resistor** designed for high-current applications. It is part of the Vishay Dale WSBS series, which utilizes a solid metal manganese-copper alloy resistive element for precision current sensing. --- ### 1. Key Technical Specifications The electrical characteristics define how this part behaves within a circuit, particularly regarding its resistance and power handling. | Parameter | Specification | | :--- | :--- | | **Resistance Value** | Typical range 50 µΩ to 1000 µΩ (0.00005 to 0.001 Ω) | | **Power Rating** | Up to 36 Watts (depending on mounting) | | **Tolerance** | ±5.0% (standard for high-current shunts) | | **Operating Temperature** | -65 °C to +170 °C | | **Inductance** | Very Low (< 5 nH) | | **Thermal EMF** | < 3 µV/°C | --- ### 2. Physical Construction & Design The "WSBS" designation refers to the physical architecture of the part: * **Resistive Element:** Constructed from a solid metal alloy (Manganin) which provides excellent stability and a low Temperature Coefficient of Resistance (TCR). * **Terminals:** Features large, bolt-on or weldable terminals. The "162A" refers to the specific physical size and bolt-hole configuration. * **Construction:** The part is typically "open-air," meaning it is not encapsulated in plastic. This allows for better heat dissipation directly into the surrounding environment or the busbar it is attached to. --- ### 3. Electronic Functionality This part acts as a **Current Shunt**. In an electronic system, it is placed in series with the load. By measuring the small voltage drop across the resistor ($V = I \times R$), the system controller can calculate the precise amount of current flowing through the circuit. **Why use the WSBS-162A-R/Q?** 1. **High Accuracy:** Unlike hall-effect sensors, shunts are immune to magnetic interference. 2. **Stability:** The metal alloy resists "drifting" even when the component gets hot from high current. 3. **Low Inductance:** Necessary for switching power supplies or battery management systems where current changes rapidly. --- ### 4. Common Applications Due to its high power rating and low resistance, it is found in the following sectors: * **Automotive:** Battery management systems (BMS) for EVs and Hybrids. * **Industrial:** Large scale motor controllers and welding equipment. * **Energy:** Solar inverters and large-scale battery storage banks. ---
    ✨ Follow-up Questions
    • ⤷ How do I calculate the power dissipation for this shunt at 500 Amps?
    • ⤷ What is the difference between the 'R' and 'Q' suffixes in this part number?
    • ⤷ Are there specific mounting torque requirements for the WSBS series?