WSBS-162B-R/Q
AI

The **WSBS-162B-R/Q** is a specialized electronic component, specifically a **Power Shunt Resistor** designed for high-current sensing applications. It is part of the Power Metal Strip® series, typically manufactured by Vishay Dale.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the WSBS-162B-R/Q:
| Feature | Specification |
| :--- | :--- |
| **Resistance Value** | Extremely Low (typically 100 μΩ to 500 μΩ) |
| **Power Rating** | 36 W (high power capability) |
| **Tolerance** | ± 5.0% (standard for this series) |
| **Temperature Coefficient** | Low TCR (typically < ± 200 ppm/°C) |
| **Construction** | Solid metal manganese-copper alloy resistive element |
| **Mounting Type** | Battery Post / Bolt-on (Specific "B" shape) |
---
### 2. Physical Design & Construction
The "WSBS" series is known for its unique physical geometry compared to standard surface-mount resistors.
* **Bus Bar Geometry:** The part is shaped as a "Bus Bar" shunt. This allows it to be bolted directly to battery terminals or high-current bus bars.
* **Material:** It uses a solid metal resistive element. This provides high stability and allows the component to withstand massive current surges without melting or changing resistance.
* **Welded Construction:** The resistive element is electron-beam welded to copper terminals to ensure the lowest possible contact resistance.
---
### 3. Functional Application
In a circuit, the WSBS-162B-R/Q acts as a **Current Sensor**.
1. **Ohm’s Law:** As high current ($I$) flows through the low-resistance ($R$) shunt, a small voltage ($V$) is dropped across it ($V = I \times R$).
2. **Monitoring:** This small voltage signal is sent to a Battery Management System (BMS) or an ADC (Analog-to-Digital Converter).
3. **Calculation:** The system calculates the exact amperage based on the known resistance value of the shunt.
### 4. Common Use Cases
* **Automotive:** Intelligent Battery Sensors (IBS) for monitoring lead-acid or lithium-ion car batteries.
* **Energy Storage:** Large-scale UPS (Uninterruptible Power Supply) systems.
* **Industrial:** Heavy machinery motor control and high-current power supplies.
---
### 5. Identification Code Breakdown
The part number follows a specific nomenclature:
* **WSBS:** Power Metal Strip Battery Shunt.
* **162B:** Physical size/frame dimension (roughly 1.6 inches in length).
* **R/Q:** Specific terminal plating or packaging designations (often referring to tinned terminals for corrosion resistance).
- ⤷
What is the maximum current capacity for a 100 micro-ohm WSBS-162B resistor?
- ⤷ How does temperature affect the accuracy of this shunt resistor?
- ⤷ What are the recommended mounting torque specifications for bolt-on shunts?