Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • WSBS-16CB-R/E

  • AI
    The **WSBS-16CB-R/E** is a high-performance **wall-mounted split air conditioner** from Hitachi's "Shizzen" series. From an electronic standpoint, this unit relies on sophisticated inverter technology and sensing systems to manage power efficiency and user comfort. --- ### Core Electronic Components | Component | Function | Technical Description | | :--- | :--- | :--- | | **Inverter PCB** | Power Conversion | Converts AC power to DC and modulates frequency to control compressor speed. | | **Microprocessor** | Control Logic | The "brain" that processes sensor data and executes cooling/heating algorithms. | | **DC Fan Motor** | Airflow Control | High-efficiency brushless DC motor (BLDC) providing variable speed control with low noise. | | **Expandable Logic** | Adaptive Cooling | Electronic circuitry that allows the AC to increase its cooling capacity based on ambient load. | --- ### Key Electronic Features #### 1. Dual Platinum Sensors The unit is equipped with high-precision sensors that monitor: * **Indoor Temperature:** Located at the air return to ensure the room reaches the set point. * **Ambient Temperature:** Located on the outdoor unit to adjust the compression cycle based on external heat. #### 2. Xpandable Plus Technology This is an electronic control feature that allows the system to auto-adjust its capacity. When the indoor temperature is significantly higher than the set point, the **Electronic Expansion Valve (EEV)** and the inverter drive increase the refrigerant flow to provide instantaneous cooling beyond the rated capacity. #### 3. Power Management & Protection * **Stabilizer-Free Operation:** The internal Switch Mode Power Supply (SMPS) handles voltage fluctuations, protecting the sensitive logic boards from spikes. * **Silent PCB Design:** Optimized trace layouts to reduce electromagnetic interference (EMI) and electrical noise during operation. #### 4. Filter Clean Indicator An electronic timer and pressure sensor logic track the usage hours and airflow resistance. Once a threshold is met, it triggers a visual LED indicator on the display panel to alert the user for maintenance. --- ### Technical Specifications Summary | Feature | Specification | | :--- | :--- | | **Technology** | Dual Gold Inverter (Variable Speed) | | **Connectivity** | Wired/Wireless Remote Control Logic | | **Refrigerant Control** | Electronic Expansion Valve (EEV) | | **Display Type** | Hidden LED Digital Display | ---
    ✨ Follow-up Questions
    • ⤷ Does this model support Wi-Fi or Smart App connectivity?
    • ⤷ What is the specific power consumption at maximum expandable capacity?
    • ⤷ How does the electronic expansion valve differ from a standard capillary tube in this model?