WSP-1DA-R/E
AI

The **WSP-1DA-R/E** is a specific electronic component typically identified as a **high-precision current sensing resistor** or a specialized **thermal sensor/resistor** (often associated with brands like Viking Tech or similar manufacturers in the automotive/industrial sector).
Below is a detailed breakdown of its electronic characteristics and technical specifications.
---
### 1. Component Overview
The WSP series generally refers to **Wire-bondable / Solderable Precision** components. These are designed for high-stability environments where power management and thermal regulation are critical.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Precision Resistor / Shunt |
| **Mounting Type** | Surface Mount (SMD) |
| **Material** | Metal Alloy / Ceramic Substrate |
| **Application** | Current sensing, Battery management, Power modules |
---
### 2. Technical Specifications
The suffix **-R/E** often denotes the tolerance and packaging/environmental compliance (RoHS/Lead-Free).
#### Key Electrical Parameters:
* **Resistance Range:** Usually very low (milli-ohms) to ensure minimal voltage drop.
* **Tolerance:** Typically ±0.5% or ±1% (denoted by the "D" or "A" in the part number).
* **Power Rating:** Designed to handle high current density without significant self-heating.
* **Temperature Coefficient (TCR):** Low TCR (e.g., ±50ppm/°C) to ensure accuracy across temperature fluctuations.
---
### 3. Pinout and Physical Attributes
These parts often come in standard SMD footprints (like 0805, 1206, or 2512) but are optimized for heat dissipation.
* **Terminations:** Tin-plated (RoHS) or Gold-plated (for wire bonding).
* **Heat Dissipation:** Utilizes a metal plate construction to move heat away from the sensitive resistive element.
---
### 4. Typical Applications
The WSP-1DA series is commonly found in the following electronic circuits:
1. **BMS (Battery Management Systems):** Monitoring the charge/discharge current of Lithium-ion cells.
2. **DC-DC Converters:** Providing feedback for current-mode control loops.
3. **Automotive Electronics:** Used in ECU modules due to high reliability and vibration resistance.
4. **Inverters:** High-power motor control sensing.
---
### 5. Identification Code Breakdown
While manufacturer-specific, the code usually follows this logic:
* **WSP:** Series Name (Metal Plate/Precision).
* **1:** Size or Power Rating (e.g., 1 Watt).
* **D/A:** Tolerance indicators (D = ±0.5%, A = ±0.05% or specific temp class).
* **R/E:** Packaging type (Tape & Reel) and Environmental compliance (Lead-Free).
- ⤷
What is the specific resistance value for the 1DA-R/E variant?
- ⤷ Which manufacturer produces the WSP-1DA-R/E series?
- ⤷ What are the recommended soldering profiles for this SMD component?