WSP-23D-R
AI

The **WSP-23D-R** is a high-performance thermal printer mechanism commonly used in portable medical devices, industrial handhelds, and point-of-sale (POS) systems. It is characterized by its compact size and low-voltage operation.
---
### 1. Technical Specifications
Below are the primary electronic and physical specifications for the WSP-23D-R:
| Feature | Specification |
| :--- | :--- |
| **Printing Method** | Direct Thermal Line Printing |
| **Total Dots** | 384 dots/line |
| **Resolution** | 8 dots/mm (203 DPI) |
| **Operating Voltage (VP)** | 4.2V to 8.5V DC |
| **Logic Voltage (VDD)** | 2.7V to 5.25V DC |
| **Printing Speed** | Up to 80 mm/s |
| **Paper Width** | 58 mm |
---
### 2. Key Electronic Components
The mechanism consists of several critical sub-assemblies that manage the conversion of electrical energy into physical print:
#### A. Thermal Print Head (TPH)
* **Heating Elements:** A line of 384 resistors. When current passes through a specific resistor, it heats up, turning the heat-sensitive paper black.
* **Driver ICs:** Integrated circuits on the TPH that handle the data input (serial data) and control which dots are energized via a "Strobe" signal.
#### B. Stepper Motor
* **Function:** Controls the paper feed mechanism.
* **Type:** 4-phase bipolar or unipolar stepper motor.
* **Precision:** Ensures that the paper moves exactly one line-width for every row of dots printed to prevent distortion.
#### C. Sensors
The electronic circuit includes sensors to provide feedback to the host controller:
* **Paper-Out Sensor:** Usually a photo-interrupter that detects if paper is present in the path.
* **Thermistor:** A temperature-sensitive resistor built into the print head to monitor heat. It prevents the head from overheating and burning out.
* **Platen Release Sensor:** Detects if the rubber roller (platen) is open or closed.
---
### 3. Interface and Control
The WSP-23D-R typically connects via a **Flexible Printed Circuit (FPC)** cable. The logic involves:
1. **Clock (CLK):** Synchronizes the data transfer.
2. **Data In (DI):** Serial input of the image data bits.
3. **Latch (LAT):** Tells the TPH to hold the current line of data.
4. **Strobe (STB):** Controls the duration of the heating pulse (determines print darkness).
---
### 4. Power Management Considerations
Because this part is often used in battery-operated devices, power management is crucial:
* **Peak Current:** While the average current is low, the peak current during a "black-heavy" print can be high (several Amperes). Large capacitors are usually required on the power line to prevent voltage drops.
* **Head Resistance:** The resistors typically have a resistance of approximately $176 \Omega \pm 4\%$.
---
- ⤷
What is the pinout configuration for the WSP-23D-R FPC connector?
- ⤷ How do I calculate the pulse width for the Strobe signal to avoid burning the head?
- ⤷ What are the recommended motor driver ICs for this printer mechanism?