AI

## Electronic Specifications: WSP-24B-R/E
The **WSP-24B-R/E** is a high-precision, industrial-grade **wire-wound linear potentiometer** (often referred to as a "displacement sensor" or "draw-wire sensor" component). It is manufactured by companies like Midori Precisions and is designed for measuring linear position via a rotating resistive element.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Full Stroke Range** | 2400 mm (2.4 Meters) |
| **Total Resistance** | 2 kΩ (standard, varies by sub-model) |
| **Resistance Tolerance** | ±10% to ±15% |
| **Independent Linearity** | ±0.1% to ±0.2% |
| **Power Rating** | Approximately 1.0W (at 40°C) |
| **Output Type** | Analog (Potentiometric voltage divider) |
| **Effective Electrical Angle** | 3600° (10-turn internal pot) |
---
### 2. Internal Electronic Structure
The device functions as a **voltage divider**. Inside the housing, the wire drum is coupled to a multi-turn precision potentiometer.
#### Wiring Configuration
Most units follow a standard 3-wire color code or terminal numbering:
| Terminal | Function | Description |
| :--- | :--- | :--- |
| **1 (Red)** | Input (Vcc) | Positive DC supply voltage |
| **2 (White)** | Output (Wiper) | Signal voltage varying with wire extension |
| **3 (Black)** | Ground (GND) | Common return / Negative |
---
### 3. Electronic Characteristics
* **Resolution:** Theoretically infinite. Because it uses a wire-wound resistive element, the resolution is limited only by the "step" between individual wire turns on the internal potentiometer coil.
* **Temperature Coefficient:** Typically ±50 to ±100 ppm/°C, ensuring stability in varying industrial environments.
* **Insulation Resistance:** Minimum 100MΩ at 500V DC.
* **Dielectric Strength:** 500V AC for 1 minute.
---
### 4. Implementation Example (Microcontroller)
To read the position of the WSP-24B-R/E using an Arduino or similar ADC, use the following circuit logic:
```cpp
// Basic Arduino code to read displacement
const int potPin = A0; // Connected to White wire
float strokeLength = 2400.0; // 2400mm
void setup() {
Serial.begin(9600);
}
void loop() {
int rawValue = analogRead(potPin);
// Convert 10-bit ADC value (0-1023) to Millimeters
float position = (rawValue / 1023.0) * strokeLength;
Serial.print("Current Position: ");
Serial.print(position);
Serial.println(" mm");
delay(100);
}
```
---
### 5. Application Notes
* **Voltage Supply:** Ensure the input voltage does not exceed the power rating ($P = V^2 / R$). For a 2kΩ pot at 1W, the maximum voltage is approximately 44V DC, though 5V, 10V, or 24V are standard.
* **Noise Filtering:** In industrial settings, it is recommended to add a 0.1μF capacitor between the signal (White) and GND (Black) to filter mechanical "wiper noise."
- ⤷How does the linearity tolerance affect the accuracy of the 2400mm measurement?
- ⤷ What are the mechanical mounting requirements for the WSP-24B-R/E?
- ⤷ Can this sensor be converted to a 4-20mA current output?