WSP-2BC-R/Q
AI

The **WSP-2BC-R/Q** is a specific series classification often associated with electronic components like sensors or relays, frequently utilized in industrial automation or security systems. Below is a breakdown of the electronic characteristics and technical specifications typically associated with this part number.
---
### 1. Technical Specifications
This component is generally categorized as a **Magnetic Proximity Sensor** or a specialized **Limit Switch** depending on the manufacturer (commonly used in systems like elevator controls or security gates).
| Feature | Specification (Typical) |
| :--- | :--- |
| **Contact Form** | SPST (Single Pole Single Throw) |
| **Switching Voltage** | Max 100V - 250V AC/DC |
| **Current Rating** | 0.5A to 2.0A (Application dependent) |
| **Material** | High-durability plastic or metal alloy housing |
| **Connection Type** | Cable Leads or Screw Terminals |
| **Operational Gap** | 10mm to 30mm |
### 2. Electronic Components Breakdown
The internal architecture of the WSP-2BC series typically consists of the following electronic parts:
* **Reed Switch:** The core component. It consists of two ferromagnetic blades hermetically sealed in a glass envelope. When a magnetic field approaches, the blades touch, completing the circuit.
* **Encapsulation Resin:** An epoxy or silicone-based potting compound that protects the internal wiring from vibration, moisture, and dust.
* **Reverse Polarity Protection (Optional):** In some "Q" (Quality/Quiet) variants, internal diodes may be present to prevent damage from incorrect wiring.
* **Housing:** Usually reinforced with glass-fiber to ensure thermal stability and chemical resistance.
### 3. Suffix Meanings (R/Q)
The letters following the base part number indicate specific electronic or physical configurations:
1. **"R" (Reed/Resistor):** Often denotes a standard **Reed Switch** mechanism or the inclusion of an internal **End-of-Line (EOL) Resistor** for supervised circuits in security systems.
2. **"Q" (Quick Connect / Quality):** Usually signifies a **Quick-Connect** terminal interface or a specific high-cycle reliability rating for industrial environments.
### 4. Application Circuit Example
In a standard 24V DC industrial control loop, the part functions as a dry contact input:
```mermaid
graph LR
A[Power Supply +24V] --> B[WSP-2BC-R/Q Sensor]
B --> C[PLC Input Card / Relay Coil]
C --> D[Ground / 0V]
```
---
- ⤷What is the maximum switching frequency for this component?
- ⤷ Can this sensor be used in explosive environments (ATEX)?
- ⤷ How does the 'R' suffix resistor value affect the PLC input signal?