Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • WSP-2CD-R/E

  • AI
    The **WSP-2CD-R/E** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**, often found in high-efficiency power management circuits. These components are designed to store energy in a magnetic field and are critical for stabilizing current in DC-DC converters. --- ### 1. Key Technical Specifications While exact specifications can vary slightly by manufacturer (commonly produced by brands like **Walsin** or similar specialized magnetics firms), the "WSP" series generally adheres to the following parameters: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Shielded SMD Power Inductor | | **Inductance Range** | Typically measured in microhenries (µH) | | **Current Rating** | High Saturation Current ($I_{sat}$) | | **DC Resistance (DCR)** | Low resistance to minimize power loss | | **Construction** | Ferrite core with metal shielding | | **Mounting Style** | Surface Mount (SMT) | --- ### 2. Physical Construction and Features The "R/E" suffix usually denotes specific packaging or environmental compliance standards. * **Magnetic Shielding:** The unit is enclosed in a magnetic shield. This prevents electromagnetic interference (EMI) from affecting nearby sensitive components on the PCB. * **Low Profile:** Designed for compact electronics like smartphones, laptops, and tablets where vertical space is limited. * **High Reliability:** The "E" often signifies **RoHS Compliance** (Lead-free) and high thermal stability. --- ### 3. Circuit Application In an electronic system, the WSP-2CD-R/E functions primarily in power regulation stages: #### A. DC-DC Converters (Buck/Boost) It acts as the energy storage element. It smoothes out the switching pulses from the controller to provide a steady output voltage. #### B. Filtering It is used in LC (Inductor-Capacitor) filters to remove high-frequency noise from power lines, ensuring "clean" power reaches the CPU or sensitive sensors. #### C. Typical Implementation Code (Reference) In a schematic or simulation environment (like SPICE), the inductor is represented as follows: ```spice * Example SPICE model for a Power Inductor L1 Net1 Net2 10uH ; 10uH Inductor R_series Net2 Out 0.05 ; 50mOhm DC Resistance ``` --- ### 4. Identification of the Part Number * **WSP:** Series Prefix (Manufacturer specific). * **2CD:** Case size and winding style. * **R/E:** Packaging (Taped/Reel) and Environmental rating (Halogen-free/RoHS). ---
    ✨ Follow-up Questions
    • ⤷ What are the specific inductance values available for the 2CD series?
    • ⤷ How does magnetic shielding in this part compare to unshielded inductors?
    • ⤷ What is the typical saturation current limit for this component size?