AI

## Technical Overview of X24C01API-3
The **X24C01API-3** is a specific variant of the 24C01 family. It is a **1-Kbit Serial Electrically Erasable Programmable Read-Only Memory (EEPROM)**. These chips are commonly used for storing configuration data, calibration constants, or small amounts of user data that must be retained when power is lost.
---
### 1. Key Specifications
The alphanumeric suffix "API-3" provides specific details about the physical and electrical characteristics of the chip:
| Parameter | Specification |
| :--- | :--- |
| **Memory Capacity** | 1 Kilobit (128 words × 8 bits) |
| **Interface** | I²C (2-Wire Serial) |
| **Package Type** | 8-pin PDIP (Plastic Dual In-line Package) |
| **Voltage Range** | 2.7V to 5.5V (indicated by the "-3" suffix) |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
| **Endurance** | ~100,000 Write Cycles |
---
### 2. Pinout Configuration
The device uses a standard 8-pin layout common to many I²C EEPROMs:
| Pin # | Name | Function |
| :--- | :--- | :--- |
| 1, 2, 3 | A0, A1, A2 | Device Address Inputs (Used to identify the chip on the bus) |
| 4 | VSS | Ground (0V) |
| 5 | SDA | Serial Data (Bidirectional data line) |
| 6 | SCL | Serial Clock (Clock input for synchronization) |
| 7 | WP | Write Protect (Hardware protection against accidental writes) |
| 8 | VCC | Supply Voltage (2.7V - 5.5V) |
---
### 3. Core Features
* **Low Power Consumption:** Designed for battery-operated devices with low standby and active currents.
* **Schmitt Trigger Inputs:** Includes noise suppression on the SCL and SDA lines to ensure stable data transmission.
* **Hardware Write Protection:** When the WP pin is connected to VCC, the entire memory becomes read-only.
* **Byte Write & Page Write:** Allows writing a single byte or a block of bytes in one cycle to save time.
---
### 4. Typical Application Circuit
To use this chip with a microcontroller (like an Arduino or STM32), you typically need two pull-up resistors on the I²C lines.
```cpp
// Basic Arduino Logic for I2C EEPROM (Example)
#include
#define EEPROM_ADDR 0x50 // Standard base address for 24C01
void writeEEPROM(int address, byte data) {
Wire.beginTransmission(EEPROM_ADDR);
Wire.write(address);
Wire.write(data);
Wire.endTransmission();
delay(5); // Internal write cycle time
}
```
---
### 5. Part Number Decoding
Understanding the specific nomenclature:
* **X:** Manufacturer prefix (originally Xicor, now often produced by other brands like Renesas/Intersil).
* **24C01:** The density (1K bit).
* **A:** Revision/Designator code.
* **P:** Plastic DIP package.
* **I:** Industrial Temperature range.
* **3:** 3-Volt operation (typically 2.7V - 5.5V).
- ⤷What is the maximum I2C clock speed supported by the X24C01?
- ⤷ How do the A0
- ⤷ A1
- ⤷ and A2 pins determine the I2C slave address?
- ⤷ Can this chip be replaced with a modern 24LC01B directly?