X24C01API-3.5
AI

## Technical Overview: X24C01API-3.5
The **X24C01API-3.5** is a specific variant of a serial EEPROM (Electrically Erasable Programmable Read-Only Memory). It belongs to the X24C01 family originally manufactured by Xicor (now part of Renesas/Intersil).
### 1. Key Specifications and Meaning
The alphanumeric code provides specific technical details about the component's capabilities:
| Part Segment | Meaning | Details |
| :--- | :--- | :--- |
| **X24** | Product Family | Xicor I2C Serial EEPROM |
| **C01** | Density | 1 Kilobit (128 words x 8 bits) |
| **A** | Revision | Internal design revision |
| **P** | Package Type | PDIP (Plastic Dual In-line Package) |
| **I** | Temp Range | Industrial (-40°C to +85°C) |
| **3.5** | Voltage | 3.5V to 5.5V Operating Range |
---
### 2. Functional Characteristics
This chip is designed for non-volatile data storage where low power consumption and small size are required.
* **Communication Interface:** It uses the **I2C (Inter-Integrated Circuit)** two-wire serial interface, consisting of a Serial Data line (SDA) and a Serial Clock line (SCL).
* **Write Protection:** Includes a Hardware Write Protect (WP) pin to prevent accidental data overwrites.
* **Endurance:** Typically supports 1,000,000 write cycles per byte.
* **Data Retention:** Rated for 100 years of data storage without power.
* **Page Write Mode:** Allows for writing up to 4 bytes in a single write cycle, improving throughput compared to single-byte writing.
---
### 3. Pin Configuration (8-Pin PDIP)
The device follows a standard industry pinout for serial EEPROMs:
| Pin Number | Name | Function |
| :--- | :--- | :--- |
| 1, 2, 3 | A0, A1, A2 | Device Address Inputs (Hardwired to set the I2C address) |
| 4 | VSS | Ground (0V) |
| 5 | SDA | Serial Data (Bi-directional) |
| 6 | SCL | Serial Clock Input |
| 7 | WP | Write Protect (High = Protected, Low = Normal) |
| 8 | VCC | Supply Voltage (3.5V to 5.5V) |
---
### 4. Common Applications
Due to its small storage capacity (128 bytes), the X24C01API-3.5 is primarily used for:
* **Configuration Settings:** Storing user preferences or calibration data.
* **Serial Numbers:** Storing unique device identification codes.
* **License Keys:** Storing small encryption or authorization strings.
* **Legacy Systems:** Found frequently in older industrial controllers and consumer electronics from the 1990s and early 2000s.
---
- ⤷
What is the maximum I2C clock frequency supported by the X24C01 series?
- ⤷ How do the address pins A0-A2 allow for multiple devices on the same bus?
- ⤷ Are there modern drop-in replacements for this specific 3.5V part?