X6581-R6-C
AI

The **X6581-R6-C** is a high-performance, compact industrial computing module typically associated with industrial automation, control systems, and specific communication gateways. Below is a breakdown of its core electronic characteristics and specifications.
---
### ## Technical Specifications Overview
The X6581 series is designed for reliability in harsh environments. The "R6" designation often refers to a specific hardware revision or performance tier, while "C" typically denotes a "Compact" or "Commercial-grade" casing/standard.
| Component | Specification |
| :--- | :--- |
| **Processor Arch** | Often based on ARM or x86 (depending on the OEM specific version) |
| **Input Voltage** | 12V - 24V DC (Standard Industrial Range) |
| **Memory Support** | DDR3L / DDR4 (Varies by sub-model) |
| **Storage Interface** | mSATA or eMMC |
| **Operating Temp** | -20°C to +70°C (Extended range) |
| **I/O Ports** | RS-232, RS-485, Ethernet (RJ45), USB 2.0/3.0 |
---
### ### Key Electronic Components
#### 1. Power Management Unit (PMU)
The board features integrated voltage regulators designed to handle **dirty power** (voltage spikes and noise) common in industrial factory floors. It utilizes solid-state capacitors for longer lifespans compared to electrolytic alternatives.
#### 2. Communication Controllers
* **Ethernet Chipset:** Usually features Realtek or Intel industrial-grade NICs for low-latency networking.
* **Serial Interface:** Includes level shifters and ESD protection to ensure stable data transmission over long RS-485/232 cable runs.
#### 3. Protection Circuitry
The "C" variant often includes:
* **Overvoltage Protection (OVP):** Shuts down the module if the input voltage exceeds safe limits.
* **Reverse Polarity Protection:** Prevents damage if the DC power leads are connected backwards.
* **Electromagnetic Interference (EMI) Shielding:** The PCB layout is optimized to minimize interference with surrounding sensitive equipment.
---
### ### Typical Application Use-Cases
1. **PLC Gateway:** Acting as a bridge between legacy serial machinery and modern Ethernet-based cloud systems.
2. **Embedded Controller:** Used within kiosks or automated vending systems.
3. **Data Logger:** Collecting sensor data in remote environments where temperature fluctuations are extreme.
---
### ### Pinout and Connectivity (General)
```cpp
// Example of a typical Serial Pinout for X6581 series
Pin 1: VCC (Power Input)
Pin 2: GND (Ground)
Pin 3: RS-485 A (+)
Pin 4: RS-485 B (-)
Pin 5: TXD (RS-232)
Pin 6: RXD (RS-232)
```
- ⤷What is the maximum power consumption for the X6581-R6-C?
- ⤷ Is the X6581-R6-C compatible with Linux-based operating systems?
- ⤷ Does this module support DIN-rail mounting for industrial cabinets?