XARP-02V-R
AI

### Overview: XARP-02V-R
The **XARP-02V-R** is a specialized connector housing from the **XA Series** manufactured by **JST (Japan Solderless Terminals)**. It is widely used in electronic assemblies for secure, wire-to-wire connections.
---
### Technical Specifications
| Property | Specification |
| :--- | :--- |
| **Series** | XA Series |
| **Part Number** | XARP-02V-R |
| **Connector Type** | Receptacle Housing (Plug) |
| **Number of Positions** | 2 Positions |
| **Pitch (Spacing)** | 2.5 mm |
| **Mounting Type** | Free Hanging (In-Line) |
| **Color** | Red (The "R" suffix indicates Red) |
| **Voltage Rating** | 250V AC/DC |
| **Current Rating** | 3A (depending on wire gauge) |
---
### Key Components and Design Features
#### 1. Locking Mechanism
The housing features a **secure friction lock** (sometimes referred to as a positive lock). This ensures that the connection remains intact even under vibration or mechanical stress, preventing accidental disconnection.
#### 2. Polarization
The XARP-02V-R is designed with a specific shape to prevent **mismating**. It can only be inserted into its corresponding mate in one orientation, protecting the circuit from reverse polarity.
#### 3. Material Properties
* **Housing Material:** Typically made of PA 66 (Nylon 66).
* **Flammability Rating:** Usually UL94V-0 rated, ensuring it is self-extinguishing in case of fire.
#### 4. Contact Compatibility
Note that the housing **does not include the metal pins**. You must purchase the crimp terminals separately.
* **Compatible Terminals:** SXA-001T-P0.6 (standard) or similar XA series crimp contacts.
* **Wire Gauge:** Typically accepts 22 to 28 AWG wire.
---
### Common Applications
* **Consumer Electronics:** Power supply connections in home appliances.
* **Industrial Automation:** Sensor wiring and control signal distribution.
* **RC/Hobbies:** Battery leads and motor connections in small-scale robotics.
* **LED Lighting:** Used for connecting LED strips to drivers.
---
- ⤷
What are the corresponding mating part numbers for the XARP-02V-R?
- ⤷ What is the specific crimping tool required for the XA series terminals?
- ⤷ Does the XARP-02V-R come in other colors besides red?